Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS-PDT144-6C-L451 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # ALS-PDT144-6C-L451
Description  Ambient Light Sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDT144-6C-L451 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  ALS-PDT144-6C-L451_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDT144-6C-L451_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2013-05-14 12:02:45.0
DATASHEET
Ambient Light Sensor
3mm T-1
ALS-PDT144-6C/L451
2
Copyright © 2012, Everlight All Rights Reserved. Release Date : 04.26.2013. Issue No: DLS-0000075 Rev.2
www.everlight.com
Package Dimensions
Notes:
1.All dimensions are in millimeters
2.Tolerances unless dimensions ±0.1mm


Similar Part No. - ALS-PDT144-6C-L451_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDT144-6C-L451 EVERLIGHT-ALS-PDT144-6C-L451 Datasheet
382Kb / 8P
   3mm T-1 Ambient Light Sensor
More results

Similar Description - ALS-PDT144-6C-L451_15

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
   Ambient Light Sensor
October, 2012 ??Rev. 0
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com