Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIR204C-H0 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # HIR204C-H0
Description  3mm Infrared LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HIR204C-H0 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  HIR204C-H0_15 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 5Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 6Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 7Page - Everlight Electronics Co., Ltd HIR204C-H0_15 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LifecyclePhase:
Revision
: 4
Expired Period: Forever
Release Date:2013-05-30 14:22:22.0
DATASHEET
3mm Infrared LED
HIR204C/H0
5
Copyright © 2010, Everlight All Rights Reserved. Release Date : Mar.28.2013. Issue No: DIR-0000714
www.everlight.com
Package Dimension
Note: Tolerances unless dimensions ±0.25mm


Similar Part No. - HIR204C-H0_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR204C-H0 EVERLIGHT-HIR204C-H0 Datasheet
189Kb / 7P
   3mm Infrared LED, T-1
More results

Similar Description - HIR204C-H0_15

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
HIR234C EVERLIGHT-HIR234C Datasheet
187Kb / 7P
   3mm Infrared LED
SIR234 EVERLIGHT-SIR234 Datasheet
322Kb / 8P
   3mm Infrared LED
IR204C-H16-L10 EVERLIGHT-IR204C-H16-L10_15 Datasheet
285Kb / 8P
   3mm Infrared LED
HIR204C EVERLIGHT-HIR204C_15 Datasheet
237Kb / 8P
   3mm Infrared LED
logo
OptoSupply Internationa...
OSI3CA3131A OPTOSUPPLY-OSI3CA3131A Datasheet
113Kb / 1P
   3mm Infrared LED
OSI5LA3D61A OPTOSUPPLY-OSI5LA3D61A Datasheet
237Kb / 3P
   3mm Infrared LED
logo
Everlight Electronics C...
SIR204-A EVERLIGHT-SIR204-A Datasheet
256Kb / 8P
   3mm Infrared LED
IR204-A EVERLIGHT-IR204-A_15 Datasheet
267Kb / 8P
   3mm Infrared LED
EAILP03RDAA5 EVERLIGHT-EAILP03RDAA5 Datasheet
395Kb / 8P
   3mm Infrared LED
HIR234C EVERLIGHT-HIR234C_15 Datasheet
262Kb / 8P
   3mm Infrared LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com