Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300950261 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300950261
Description  Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300950261 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300950261 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300950261
Status:
Active
Overview:
Support Grips
Description:
Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
Medium Mesh Length 0.508m (20.00"), Approximate Break Strength 4173.05kg (9200
lbs)
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130095
Eye Type
Offset
O-Ring
N/A
Overview
Support Grips
Product Literature Order No
987650-8066
Product Name
Medium Duty
Type
Pulling Grip
UPC
78678836147
Woodhead
Yes
Physical
Approximate Break Strength
3311.22kg (7300 lbs)
Bale Length
N/A
Body Style
Straight
Cable Diameter
50.80-63.25mm (2.000-2.490")
Color - Grommet
N/A
Gender
N/A
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
0.508m (20.00")
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36147
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130095 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300950261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950261 MOLEX-1300950261 Datasheet
149Kb / 1P
   PULLING GRIPS MEDIUM DUTY SINGLE WEAVE SPLIT ROD
2016/09/09
1300950261 MOLEX-1300950261 Datasheet
149Kb / 1P
   PULLING GRIPS MEDIUM DUTY SINGLE WEAVE SPLIT ROD
2016/09/09
1300950261 MOLEX-1300950261 Datasheet
149Kb / 1P
   PULLING GRIPS MEDIUM DUTY SINGLE WEAVE SPLIT ROD
2016/09/09
1300950261 MOLEX-1300950261 Datasheet
149Kb / 1P
   PULLING GRIPS MEDIUM DUTY SINGLE WEAVE SPLIT ROD
2016/09/09
1300950261 MOLEX-1300950261 Datasheet
149Kb / 1P
   PULLING GRIPS MEDIUM DUTY SINGLE WEAVE SPLIT ROD
2016/09/09
More results

Similar Description - 1300950261

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300950263 MOLEX11-1300950263 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
130095-0259 MOLEX11-130095-0259 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950259 MOLEX11-1300950259 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
130095-0260 MOLEX11-130095-0260 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye,
1300950255 MOLEX11-1300950255 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950258 MOLEX11-1300950258 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950260 MOLEX11-1300950260 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950257 MOLEX11-1300950257 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
130095-0261 MOLEX11-130095-0261 Datasheet
35Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
1300950253 MOLEX11-1300950253 Datasheet
28Kb / 1P
   Medium Duty Wire Mesh Slack Grip Cable, Split Rod, Single Weave, Offset Eye
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com