Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4133 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N4133
Description  SILICON 400mA LOW NOISE ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4133 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N4133 Datasheet HTML 1Page - Microsemi Corporation 1N4133 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
112
1N4099UR-1 thru 1N4135UR-1
CDLL4099 thru CDLL4135
.1
2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
0
25
50
75
100
125
150
175
TEC , End cap temperature (°C)
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2
28 VOLT
6.8 VOLT
11 VOLT


Similar Part No. - 1N4133

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4133 CDI-DIODE-1N4133 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N4133 MICROSEMI-1N4133 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4133 MICROSEMI-1N4133 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
logo
Jinan Gude Electronic D...
1N4133 JGD-1N4133 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
TAITRON Components Inco...
1N4133 TAITRON-1N4133 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
More results

Similar Description - 1N4133

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
   Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
   SILICON PLANAR LOW NOISE ZENER DIODES
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
   500mW Low Noise Zener Diodes
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
   500mW LOW NOISE SILION ZENER DIODES
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
   LOW NOISE 1 WATT Zener Diodes
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
   Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
   SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Microsemi Corporation
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com