Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5360B Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N5360B
Description  SILICON 5 WATT ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5360B Datasheet(HTML) 2 Page - Microsemi Corporation

  1N5360B Datasheet HTML 1Page - Microsemi Corporation 1N5360B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon 5 Watt Zener Diodes
SCOTTSD A L E DIVISION
1N5333B thru 1N5388B
*ELECTRICAL CHARACTERISTICS @ 25oC
REGULATOR
VOLTAGE
(VZ)
TEST
CURRENT
(IZT)
MAXIMUM
DYNAMIC
IMPEDANCE
(ZZ)
(A&B Suffix)
MAXIMUM
REVERSE
CURRENT
(IR)
IR TEST
VOLTAGE
(VR)
(Non-Suffix &
A Suffix)
IR TEST
VOLTAGE
(VR)
(B,C,D Suffix)
MAXIMUM
REGULATOR
CURRENT
(IZM)
(B,C,D Suffix)
MAXIMUM
DYNAMIC KNEE
IMPEDANCE
ZZK @ 1.0 mA
(A,B,C,D Suffix)
MAXIMUM
SURGE
CURRENT
(IZSM)
MAXIMUM
VOLTAGE
REGULATION
(
∆VZ)
(A,B,C,D
Suffix)
TYPE
NUMBER
V
mA dc
OHMS
µA
V
V
mA
OHMS
AMPS
VOLTS
1N5333B
1N5334B
1N5335B
1N5336B
1N5337B
3.3
3.6
3.9
4.3
4.7
380
350
320
290
260
3.0
2.5
2.0
2.0
2.0
300
150
50
10
5.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1440
1320
1220
1100
1010
400
500
500
500
450
20
18.7
17.6
16.4
15.3
0.85
0.80
0.54
0.49
0.44
1N5338B
1N5339B
1N5340B
1N5341B
1N5342B
5.1
5.6
6.0
6.2
6.8
240
220
200
200
175
1.5
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
10
1.0
2.0
3.0
3.0
4.9
1.0
2.0
3.0
3.0
5.2
930
865
790
765
700
400
400
300
200
200
14.4
13.4
12.7
12.4
11.5
0.39
0.25
0.19
0.10
0.15
1N5343B
1N5344B
1N5345B
1N5346B
1N5347B
7.5
8.2
8.7
9.1
10
175
150
150
150
125
1.5
1.5
2.0
2.0
2.0
10
10
10
7.5
5.0
5.4
5.9
6.25
6.6
7.2
5.7
6.2
6.6
6.9
7.6
630
580
545
520
475
200
200
200
150
125
10.7
10
9.5
9.2
8.6
0.15
0.20
0.20
0.22
0.22
1N5348B
1N5349B
1N5350B
1N5351B
1N5352B
11
12
13
14
15
125
100
100
100
75
2.5
2.5
2.5
2.5
2.5
5.0
2.0
1.0
1.0
1.0
8.0
8.6
9.4
10.1
10.8
8.4
9.1
9.9
10.6
11.5
430
395
365
340
315
125
125
100
75
75
8.0
7.5
7.0
6.7
6.3
0.25
0.25
0.25
0.25
0.25
1N5353B
1N5354B
1N5355B
1N5356B
1N5357B
16
17
18
19
20
75
70
65
65
65
2.5
2.5
2.5
3.0
3.0
1.0
0.5
0.5
0.5
0.5
11.5
12.2
13
13.7
14.4
12.2
12.9
13.7
14.4
15.2
295
280
264
250
237
75
75
75
75
75
6.0
5.8
5.5
5.3
5.1
0.30
0.35
0.40
0.40
0.40
1N5358B
1N5359B
1N5360B
1N5361B
1N5362B
22
24
25
27
28
50
50
50
50
50
3.5
3.5
4.0
5.0
6.0
0.5
0.5
0.5
0.5
0.5
15.8
17.3
18
19.4
20.1
16.7
18.2
19
20.6
21.2
216
198
190
176
170
75
100
110
120
130
4.7
4.4
4.3
4.1
3.9
0.45
0.55
0.55
0.60
0.60
1N5363B
1N5364B
1N5365B
1N5366B
1N5367B
30
33
36
39
43
40
40
30
30
30
8.0
10
11
14
20
0.5
0.5
0.5
0.5
0.5
21.6
23.8
25.9
28.1
31
22.8
25.1
27.4
29.7
32.7
158
144
132
122
110
140
150
160
170
190
3.7
3.5
3.3
3.1
2.8
0.60
0.60
0.65
0.65
0.70
1N5368B
1N5369B
1N5370B
1N5371B
1N5372B
47
51
56
60
62
25
25
20
20
20
25
27
35
40
42
0.5
0.5
0.5
0.5
0.5
33.8
36.7
40.3
43
44.6
35.8
38.8
42.6
45.5
47.1
100
93
86
79
76
210
230
280
350
400
2.7
2.5
2.3
2.2
2.1
0.80
0.90
1.00
1.20
1.35
1N5373B
1N5374B
1N5375B
1N5376B
1N5377B
68
75
82
87
91
20
20
15
15
15
44
45
65
75
75
0.5
0.5
0.5
0.5
0.5
49
54
59
63
65.5
51.7
56
62.2
66
69.2
70
63
58
54.5
52.5
500
620
720
760
760
2.0
1.9
1.8
1.7
1.6
1.50
1.60
1.80
2.00
2.20
1N5378B
1N5379B
1N5380B
1N5381B
1N5382B
100
110
120
130
140
12
12
10
10
8.0
90
125
170
190
230
0.5
0.5
0.5
0.5
0.5
72
79.2
86.4
93.6
101
76
83.6
91.2
98.8
106
47.5
43
39.5
36.6
34
800
1000
1150
1250
1500
1.5
1.4
1.3
1.2
1.2
2.30
2.50
2.50
2.50
2.50
1N5383B
1N5384B
1N5385B
1N5386B
1N5387B
1N5388B
150
160
170
180
190
200
8.0
8.0
8.0
5.0
5.0
5.0
330
350
380
430
450
480
0.5
0.5
0.5
0.5
0.5
0.5
108
115
122
130
137
144
114
122
129
137
144
152
31.6
29.4
28
26.4
25
23.6
1500
1650
1750
1750
1850
1850
1.1
1.1
1.0
1.0
0.9
0.9
3.00
3.00
3.00
4.00
5.00
5.00
*JEDEC Registered Data.
NOTE 1: Devices listed above with B suffix have ±5% tolerance, A suffix designates ±10% tolerance, C suffix designates ±2%
tolerance, and D suffix designates ±1% tolerance. No suffix designates ±20%.
NOTE 2: Zener voltage (Vz) is measured at TL = 25
oC (+8, -2oC). Voltage measurement performed at 40 ±10 milliseconds
after application of dc current.
NOTE 3: The zener impedance is derived from 1 kHz ac voltage resulting from an ac current modulation having an rms value
equal to 10% of the dc zener current (IZT or IZK) superimposed on IZT or IZK. See Micro Note 202 for zener impedance
variation with different operating currents.
NOTE 4: The maximum current (IZM) shown is for a ±5% tolerance devices. The IZM for other tolerances can be calculated using
the formula: IZM = P/VZM where VZM is the VZ at the high end of the voltage tolerance specified and P is the rated power
for the method of mounting.
NOTE 5: The surge current (IZSM) is specified as the maximum peak of a non-recurrent half-sine wave of 8.3 ms duration.
NOTE 6: Voltage regulation (
∆VZ) is the difference between the voltage measured at 10% and 50% of IZM.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
7-23-2003 REV B


Similar Part No. - 1N5360B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5360B MOTOROLA-1N5360B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5360B MICROSEMI-1N5360B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
ON Semiconductor
1N5360B ONSEMI-1N5360B Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5360B ONSEMI-1N5360B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Pan Jit International I...
1N5360B PANJIT-1N5360B Datasheet
53Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5360B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
First Components Intern...
1N5333 FCI-1N5333 Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Compensated Deuices Inc...
1N6632US CDI-DIODE-1N6632US Datasheet
59Kb / 2P
   5 WATT ZENER DIODES
1N6632 CDI-DIODE-1N6632 Datasheet
27Kb / 2P
   5 WATT ZENER DIODES
logo
Microsemi Corporation
1N6632 MICROSEMI-1N6632 Datasheet
41Kb / 2P
   5 WATT ZENER DIODES
logo
Digitron Semiconductors
1N5333B DIGITRON-1N5333B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Micro Commercial Compon...
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com