Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KVR16LR11D4K3-48I Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KVR16LR11D4K3-48I
Description  48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3L-12800
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KVR16LR11D4K3-48I Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KVR16LR11D4K3-48I Datasheet HTML 1Page - List of Unclassifed Manufacturers KVR16LR11D4K3-48I Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KVR16LR11D4K3/48I
48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3L-12800
CL11 Registered w/Parity 240-Pin DIMM Kit
DESCRIPTION
ValueRAM's KVR16LR11D4K3/48I is a kit of three 2G x 72-bit
(16GB) DDR3L-1600 CL11 SDRAM (Synchronous DRAM),
registered w/parity, low voltage, 2Rx4 ECC, Intel® Compatibility
Tested, memory modules, based on thirty-six 1G x 4-bit FBGA
components per module. Total kit capacity is 48GB. The SPDs
are programmed to JEDEC standard latency DDR3-1600 timing
of 11-11-11 at 1.35V or 1.5V. Each 240-pin DIMM uses gold
contact fingers. The electrical and mechanical specifications
are as follows:
FEATURES
JEDEC standard 1.35V (1.28V ~ 1.45V) and 1.5V (1.425V ~
1.575V) Power Supply
VDDQ = 1.35V (1.28V ~ 1.45V) and 1.5V (1.425V ~ 1.575V)
800MHz fCK for 1600Mb/sec/pin
8 independent internal bank
Programmable CAS Latency: 11, 10, 9, 8, 7, 6
Programmable Additive Latency: 0, CL - 2, or CL - 1 clock
8-bit pre-fetch
Burst Length: 8 (Interleave without any limit, sequential with
starting address “000” only), 4 with tCCD = 4 which does not
allow seamless read or write [either on the fly using A12 or
MRS]
Bi-directional Differential Data Strobe
Internal(self) calibration : Internal self calibration through ZQ
pin (RZQ : 240 ohm ± 1%)
On Die Termination using ODT pin
On-DIMM thermal sensor (Grade B)
Average Refresh Period 7.8us at lower than TCASE 85°C,
3.9us at 85°C < TCASE < 95°C
Asynchronous Reset
PCB : Height 1.180” (30.00mm), double sided component
Document No. VALUERAM1414-001.B00
10/09/14
Page 1
Memory Module Specifications
Continued >>
SPECIFICATIONS
s
e
l
c
y
c
1
1
)
D
D
I
(
L
C
Row Cycle Time (tRCmin)
48.125ns (min.)
Refresh to Active/Refresh
260ns (min.)
Command Time (tRFCmin)
Row Active Time (tRASmin)
35ns (min.)
Maximum Operating Power
(1.35V) = 4.493 W*
(Per module)
0
-
V
4
9
g
n
i
t
a
R
L
U
Operating Temperature
0o C to 85o C
Storage Temperature
-55o C to +100o C
*Power will vary depending on the SDRAM and
Register/PLL used.


Similar Part No. - KVR16LR11D4K3-48I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR16LR11D4K3-48 ETC2-KVR16LR11D4K3-48 Datasheet
119Kb / 2P
   48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3L-12800
More results

Similar Description - KVR16LR11D4K3-48I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KVR16LR11D4K3-48 ETC2-KVR16LR11D4K3-48 Datasheet
119Kb / 2P
   48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3L-12800
KVR16R11D4K3-48 ETC2-KVR16R11D4K3-48 Datasheet
155Kb / 2P
   48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3-12800
KVR16R11D4K3-48I ETC2-KVR16R11D4K3-48I Datasheet
156Kb / 2P
   48GB (16GB 2Rx4 2G x 72-Bit x 3 pcs.) PC3-12800
KVR16LR11D4-16 ETC2-KVR16LR11D4-16 Datasheet
156Kb / 2P
   16GB 2Rx4 2G x 72-Bit PC3L-12800
KVR16LR11D4-16I ETC2-KVR16LR11D4-16I Datasheet
126Kb / 2P
   16GB 2Rx4 2G x 72-Bit PC3L-12800
KVR16LR11D4-16HB ETC2-KVR16LR11D4-16HB Datasheet
119Kb / 2P
   16GB 2Rx4 2G x 72-Bit PC3L-12800
KVR16LR11D4-16KF ETC2-KVR16LR11D4-16KF Datasheet
119Kb / 2P
   16GB 2Rx4 2G x 72-Bit PC3L-12800
KVR16LR11D4K4-64I ETC2-KVR16LR11D4K4-64I Datasheet
126Kb / 2P
   64GB (16GB 2Rx4 2G x 72-Bit x 4 pcs.) PC3L-12800
KVR16LR11D4K4-64 ETC2-KVR16LR11D4K4-64 Datasheet
119Kb / 2P
   64GB (16GB 2Rx4 2G x 72-Bit x 4 pcs.) PC3L-12800
KVR13LR9D4K3-48 ETC2-KVR13LR9D4K3-48 Datasheet
156Kb / 2P
   48GB (16GB 2G x 72-Bit x 3 pcs.) PC3L-10600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com