Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5770 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5770
Description  MONOLITHIC AIR ISOLATED DIODE ARRAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5770 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5770 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A Microsemi Company
580 Pleasant St.
Phone: 617-924-9280
Watertown, MA 02472
Fax:
617-924-1235
DIODE ARRAY PRODUCT SPECIFICATION
MONOLITHIC AIR ISOLATED
DIODE ARRAY
FEATURES:
HERMETIC CERAMIC PACKAGE
Bv > 60V at 10uA
Ir < 100nA at 40V
C < 8.0 pF
Absolute Maximum Ratings:
Symbol
Parameter
Limit
Unit
VBR(R) *1 *2 Reverse Breakdown Voltage
60
Vdc
IO
*1 * 3 Continuous Forward Current
300
mAdc
IFSM
*1
Peak Surge Current (tp= 1/120 s)
500
mAdc
PT1
*4
Power Dissipation per Junction @ 25 °C
400
mW
PT2
*4
Power Dissipation per Package @ 25 °C
500
mW
Top
Operating Junction Temperature Range
-65 to +150 °C
Tstg
Storage Temperature Range
-65 to +200 °C
NOTE 1: Each Diode
NOTE 2: Pulsed: PW = 100ms max.; duty cycle < 20%
NOTE 3: Derate at 2.4mA/°C above +25 ° C
NOTE 4: Derate at 4.0mW/°C above +25 ° C
Symbol Parameter
Conditions
Min
Max
Unit
Vf1
Forward Voltage
If = 100mAdc *1
1
Vdc
Vf2
Forward Voltage
If = 500mAdc *1
1.5
Vdc
IR1
Reverse Current
VR = 40 Vdc
0.1
uAdc
Ct
Capacitance (pin to pin)
VR = 0 Vdc, f = 1 MHz
8.0
pF
tfr
Forward Recovery Time
If = 500mAdc
40
ns
trr
Reverse Recovery Time
If = IR = 200mAdc, irr = 20mAdc, RL = 100 ohms
20
ns
NOTE 1: Pulsed: PW = 300us +/- 50us, duty cycle < 2%, 90us after leading edge
Sertech reserves the right to make changes to any product design, specification or other
information at any time without prior notice.
MSC1012.PDF Rev - 11/25/98
Electrical Characteristics (Per Diode) @
25°C unless otherwise specified
1N5770
PACKAGE OUTLINE
.290
MAX
.019
.010
.005
MIN
.050
BSC
.045
MAX
.006
.003
.370
.240
.260
.240
.370
.240
.280
MAX
.050
.005
.090
.030
2
3
4
5
6
7
8
9
10
1: NOT CONNECTED


Similar Part No. - 1N5770

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5770 MICROSEMI-1N5770 Datasheet
86Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
1N5770 MICROSEMI-1N5770_1 Datasheet
86Kb / 2P
   Isolated Diode Array with HiRel MQ, MX, MV, and MSP Screening Options
More results

Similar Description - 1N5770

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6100 MICROSEMI-1N6100 Datasheet
19Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6101 MICROSEMI-1N6101 Datasheet
22Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5774 MICROSEMI-1N5774 Datasheet
23Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6507 MICROSEMI-1N6507 Datasheet
21Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5772 MICROSEMI-1N5772 Datasheet
22Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6509 MICROSEMI-1N6509 Datasheet
24Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6506 MICROSEMI-1N6506 Datasheet
21Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6511 MICROSEMI-1N6511 Datasheet
21Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N5768 MICROSEMI-1N5768 Datasheet
19Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
1N6508 MICROSEMI-1N6508 Datasheet
24Kb / 1P
   MONOLITHIC AIR ISOLATED DIODE ARRAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com