Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU8402 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU8402
Description  DIGITAL TO ANALOG CONVERTER FOR STEREO AUDIO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8402 Datasheet(HTML) 2 Page - New Japan Radio

  NJU8402 Datasheet HTML 1Page - New Japan Radio NJU8402 Datasheet HTML 2Page - New Japan Radio NJU8402 Datasheet HTML 3Page - New Japan Radio NJU8402 Datasheet HTML 4Page - New Japan Radio NJU8402 Datasheet HTML 5Page - New Japan Radio NJU8402 Datasheet HTML 6Page - New Japan Radio NJU8402 Datasheet HTML 7Page - New Japan Radio NJU8402 Datasheet HTML 8Page - New Japan Radio NJU8402 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NJU8402
- 2 -
s TERMINAL DESCRIPTION
PIN
No.
SYMBOL
INPUT
/OUTPUT
FUNCTION
1V
DD
Digital Power Supply, +5V
16
V
SS
Digital GND, 0V
8AV
DD
Analog Power Supply, +5V
9AV
SS
Analog GND, 0V
2
MCKI
I
Master Clock Input Terminal
The input signal frequency is 256 times or 384 times of fs.
13
DIN
I
Serial Audio Data Input Terminal
14
LRCK
I
L/R Channel Clock Input Terminal
This clock must synchronize with MCKI.
15
BCLK
I
Audio Serial Data Clock Input Terminal
This clock must synchronize with MCKI.
3SCK
I
Control Register Serial Data Sift Clock Input Terminal
Control register leads the control data synchronizing the rising edge of SCK
signal. When the control register is not used, the state of SCK terminal has to
keep level ”H”.
4DATA
I
Control Register Serial Data Input Terminal
Input data sets various functions.
When the control register is not used, the state of DATA terminal has to keep level
“H”.
5REQ
I
Control Register Serial Data Request Input Terminal
The control data are latched in the control register at the rising edge of REQ
signal.
When the control register is not used, the state of REQ terminal has to keep level
“H”.
12
RST
I
Reset
“L” level signal into reset
terminal initializes the system.
7VCOML
Left channel Analog Signal Common Terminal for Connecting Smooth Capacitor
A chemical capacitor should be connected between this terminal and AV
SS for
stabilizing.
10
VCOMR
Right Channel Analog Signal Common Terminal for Connecting Smooth Capacitor
A chemical capacitor should be connected between this terminal and AV
SS for
stabilizing.
6
AOUTL
O
L-Channel Analog Signal Output Terminal
11
AOUTR
O
R-Channel Analog Signal Output Terminal


Similar Part No. - NJU8402

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8710R NJRC-NJU8710R Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8711V NJRC-NJU8711V Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8713 NJRC-NJU8713 Datasheet
100Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com