Electronic Components Datasheet Search |
|
LM185-ADJ Datasheet(PDF) 3 Page - Texas Instruments |
|
|
LM185-ADJ Datasheet(HTML) 3 Page - Texas Instruments |
3 / 23 page LM185-ADJ, LM285-ADJ, LM385-ADJ www.ti.com SNVS741F – FEBRUARY 2000 – REVISED APRIL 2013 Absolute Maximum Ratings (1) (2) (3) Reverse Current 30mA Forward Current 10mA Operating Temperature Range (4) LM185 Series −55°C to 125°C LM285 Series −40°C to 85°C LM385 Series 0°C to 70°C ESD Susceptibility (5) 2kV Storage Temperature −55°C to 150°C Soldering Information TO-92 Package (10 sec.) 260°C TO Package (10 sec.) 300°C SOIC Package Vapor Phase (60 sec.) 215°C Infrared (15 sec.) 220°C See An-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional. For specifications and test conditions, see the Electrical Characteristics. The specifications apply only for the test conditions listed. (2) Refer to RETS185H for military specifications. (3) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (4) For elevated temperature operation, see Table 1 and Thermal Characteristics. (5) The human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. Table 1. TJ(max) for Elevated Temperature Operation DEVICE TJ(max) (°C) LM185 150 LM285 125 LM385 100 Thermal Characteristics Over operating free-air temperature range (unless otherwise noted) Thermal Resistance TO-92 TO-46 SOIC 180°C/W (0.4 ″ leads) θJA (Junction to Ambient) 440°C/W 165°C/W 170°C/W (0.125 ″ leads) θJC (Junction to Case) N/A 80°C/W N/A Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM185-ADJ LM285-ADJ LM385-ADJ |
Similar Part No. - LM185-ADJ |
|
Similar Description - LM185-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |