Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4140 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4140
Description  High Precision Low Noise Low Dropout Voltage Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4140 Datasheet(HTML) 1 Page - Texas Instruments

  LM4140 Datasheet HTML 1Page - Texas Instruments LM4140 Datasheet HTML 2Page - Texas Instruments LM4140 Datasheet HTML 3Page - Texas Instruments LM4140 Datasheet HTML 4Page - Texas Instruments LM4140 Datasheet HTML 5Page - Texas Instruments LM4140 Datasheet HTML 6Page - Texas Instruments LM4140 Datasheet HTML 7Page - Texas Instruments LM4140 Datasheet HTML 8Page - Texas Instruments LM4140 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM4140
www.ti.com
SNVS053E – JUNE 2000 – REVISED APRIL 2013
LM4140 High Precision Low Noise Low Dropout Voltage Reference
Check for Samples: LM4140
1
FEATURES
DESCRIPTION
2
High Initial Accuracy: 0.1%
The LM4140 series of precision references are
Ultra Low Noise
designed to combine high accuracy, low drift and
Low Temperature Coefficient: 3 ppm/°C (A
noise with low power dissipation in a small package.
grade)
The LM4140 is the industry's first reference with
Low Voltage Operation: 1.8V
output voltage options lower than the bandgap
Low Dropout Voltage: 20 mV (typ) @ 1mA
voltage.
Supply Current: 230
μA (typ), ≤ 1 μA Disable
The key to the advance performance of the LM4140
Mode
is the use of EEPROM registers and CMOS DACs for
temperature
coefficient
curvature
correction
and
Enable Pin
trimming of the output voltage accuracy of the device
Output Voltage Options: 1.024V, 1.250V,
during the final production testing.
2.048V, 2.500V, and 4.096V
The major advantage of this method is the much
Custom Voltages from 0.5V to 4.5V
higher
resolution
available
with
DACs
than
is
Temperature Range (0°C to 70°C)
available economically with most methods utilized by
other bandgap references.
APPLICATIONS SUMMARY
The low input and dropout voltage, low supply current
Portable, Battery Powered Equipment
and output drive capability of the LM4140 makes this
Instrumentation and Test Equipment
product an ideal choice for battery powered and
portable applications.
Automotive
The LM4140 is available in three grades (A, B, C)
Industrial Process Control
with 0.1% initial accuracy and 3, 6 and 10 ppm/°C
Data Acquisition Systems
temperature coefficients. For even lower Tempco,
Medical Equipment
contact Texas Instruments.
Precision Scales
The
device
performance
is
specified
over
the
Servo Systems
temperature range (0°C to +70°C) and is available in
compact 8-pin package.
Battery Charging
For other output voltage options from 0.5V to
4.5V, contact Texas Instruments.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140 NSC-LM4140 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140AC-4.1 NSC-LM4140AC-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4140ACM-1.0 NSC-LM4140ACM-1.0 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140ACM-1.0 NSC-LM4140ACM-1.0 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com