Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4140ACM-4.1 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4140ACM-4.1
Description  High Precision Low Noise Low Dropout Voltage Reference
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4140ACM-4.1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4140ACM-4.1 Datasheet HTML 3Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 4Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 5Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 6Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 7Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 8Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 9Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 10Page - Texas Instruments LM4140ACM-4.1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM4140
www.ti.com
SNVS053E – JUNE 2000 – REVISED APRIL 2013
LM4140 Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, No Load, COUT = 1μF, VIN = 3.0V for LM4140-1.024 and LM4140-1.250, and 5V for all
other voltage options. VIN = VEN.
Ground Current
vs
Load Current
Long Term Drift
Figure 16.
Figure 17.
Load Regulation
Output Voltage
vs
vs
Temperature
Load Current
Figure 18.
Figure 19.
Line Regulation
IQ
vs
vs
Temperature
Temperature
Figure 20.
Figure 21.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4140


Similar Part No. - LM4140ACM-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140ACM-4.1 NSC-LM4140ACM-4.1 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4140ACM-4.1 NSC-LM4140ACM-4.1 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
More results

Similar Description - LM4140ACM-4.1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4140 NSC-LM4140 Datasheet
439Kb / 15P
   High Precision Low Noise Low Dropout Voltage
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4140 NSC-LM4140_05 Datasheet
878Kb / 15P
   High Precision Low Noise Low Dropout Voltage
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com