Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5025C Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025C
Description  LM5025C Active Clamp Voltage Mode PWM Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025C Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5025C Datasheet HTML 2Page - Texas Instruments LM5025C Datasheet HTML 3Page - Texas Instruments LM5025C Datasheet HTML 4Page - Texas Instruments LM5025C Datasheet HTML 5Page - Texas Instruments LM5025C Datasheet HTML 6Page - Texas Instruments LM5025C Datasheet HTML 7Page - Texas Instruments LM5025C Datasheet HTML 8Page - Texas Instruments LM5025C Datasheet HTML 9Page - Texas Instruments LM5025C Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LM5025C
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating Junction
Temperature range. VIN = 48V, VCC = 10V, RT = 32 kΩ, RSET = 27.4 kΩ) unless otherwise stated
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CS2 Prop
CS2 Delay to Output
CS2 Step from 0 to 0.6V
50
ns
Time to onset of OUT
Transition (90%)
Cgate = 0
Cycle by Cycle Threshold
0.45
0.5
0.55
V
Voltage (CS1)
Cycle Skip Threshold
Resets SS capacitor; auto
0.45
0.5
0.55
V
Voltage (CS2)
restart
Leading Edge Blanking
50
ns
Time (CS1)
CS1 Sink Impedance
CS1 = 0.4V
30
50
(clocked)
CS1 Sink Impedance
CS1 = 0.6V
15
30
(Post Fault Discharge)
CS2 Sink Impedance
CS2 = 0.6V
55
85
(Post Fault Discharge)
CS1 and CS2 Leakage
CS = CS Threshold - 100mV
1
µA
Current
Soft-Start
Soft-start Current Source
65
90
115
µA
Normal
Soft-start Current Source
0.5
1
1.5
µA
following a CS2 event
Oscillator
Frequency1
TA = 25°C
180
200
220
kHz
TJ = Tlow to Thigh
175
225
Frequency2
RT = 10.8 k
510
580
650
kHz
Sync threshold
2
V
Min Sync Pulse Width
100
ns
Sync Frequency Range
160
kHz
PWM Comparator
Delay to Output
COMP step 5V to 0V
40
ns
Time to onset of OUT_A
transition low
Duty Cycle Range
0
91
%
COMP to PWM Offset
0.7
1
1.3
V
COMP Open Circuit
4.3
5.9
V
Voltage
COMP Short Circuit
COMP = 0V
0.6
1
1.4
mA
Current
Volt x Second Clamp
Ramp Clamp Level
Delta RAMP measured from
2.4
2.5
2.6
V
onset of OUT_A to Ramp peak.
COMP = 5V
UVLO Shutdown
Undervoltage Shutdown
2.44
2.5
2.56
V
Threshold
Undervoltage Shutdown
16
20
24
µA
Hysteresis
Output Section
OUT_A High Saturation
MOS Device @ Iout = -10mA,
5
10
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM5025C


Similar Part No. - LM5025C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025CCMTE NSC-LM5025CCMTE Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025CMTC NSC-LM5025CMTC Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025CMTCX NSC-LM5025CMTCX Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
More results

Similar Description - LM5025C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025D TI-LM5025D_15 Datasheet
709Kb / 31P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
LM5025B TI1-LM5025B Datasheet
1Mb / 24P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025C NSC-LM5025C Datasheet
378Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A Datasheet
1Mb / 23P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
logo
National Semiconductor ...
LM5025B NSC-LM5025B Datasheet
708Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025A NSC-LM5025A Datasheet
698Kb / 16P
   Active Clamp Voltage Mode PWM Controller
LM5025 NSC-LM5025 Datasheet
316Kb / 16P
   Active Clamp Voltage Mode PWM Controller
logo
Texas Instruments
LM5025A TI1-LM5025A_14 Datasheet
1Mb / 22P
[Old version datasheet]   Active Clamp Voltage Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com