Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5809 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5809
Description  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5809 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5809 Datasheet HTML 1Page - Microsemi Corporation 1N5809 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1345.PDF 02-23-99
1N5807
1N5809
1N5811
JANHCE and JANKCE
JANHCF and JANKCF
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
CHARACTERISTIC
SYMBOL
TYPICAL
MAX.
UNITS
Reverse Current
Rated VR, TC = 25°°C
IR
.01
5
µµA
Reverse Current
Rated VR, TC = 100°°C
IR
1.0
150
µµA
Forward Voltage Drop IF = 4A, TC = 25°°C
VF
.84
.875
Volts
Junction Capacitance @ VR = 10V
Cj
45
60
Pf
REVERSE RECOVERY CHARACTERISTICS:
REVERSE RECOVERY CHARACTERISTICS:
CHARACTERISTIC
SYMBOL
TYPICAL
MAX.
UNITS
Reverse Recovery Time
IF = 1A, IR = 1A, IRR = 0.1A
Trr
2.5
30
ns
Forward Recovery Voltage @ 1A Tr = 8ns
Vrr
1.5
2.2
V
Forward Recovery Time
IFM = 500 mA
15
ns
6 AMPS
FAST RECOVERY
RECTIFIER CHIP
50 - 150 VOLTS
FEATURES:
Chip Outline Dimensions: 68 x 68 mils
Chip Thickness: 8 to 12 mils
Anode Metallization: Aluminum
Metallization Thickness: 70,000Ã
à Nominal
Bonding Area: 42 x 42 mils Min.
Back Metallization: Gold-3000Ã
à Nominal
Junction Passivated with Thermal Silicon Dioxide - Planar Design
Backside Available with Solderable Ag Backside as JANHCF or
JANKCF
TYPE
VR
VBR
IO Tj = 75°°C
JANHCE1N5807
50V
60V
6.0A
JANHCE1N5809
100V
110V
6.0A
JANHCE1N58011
150V
160V
6.0A
JANKCE1N5807
50V
60V
6.0A
JANKCE1N5809
100V
110V
6.0A
JANKCE1N58011
150V
160V
6.0A
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
Chip Type: RA
A


Similar Part No. - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5809 MICROSEMI-1N5809 Datasheet
133Kb / 3P
   MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
M/A-COM Technology Solu...
1N5809 MA-COM-1N5809 Datasheet
626Kb / 4P
   Popular JEDEC Registered Series
logo
Sensitron
1N5809 SENSITRON-1N5809 Datasheet
42Kb / 2P
   HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5809 SEMTECH-1N5809 Datasheet
200Kb / 3P
   RECTIFIER, up to 150V, 6A, 30ns
logo
EIC discrete Semiconduc...
1N5809 EIC-1N5809 Datasheet
98Kb / 2P
   ULTRAFAST RECOVERY RECTIFIER DIODES
More results

Similar Description - 1N5809

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com