Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5034MTC Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM5034MTC
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5034MTC Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5034MTC Datasheet HTML 4Page - Texas Instruments LM5034MTC Datasheet HTML 5Page - Texas Instruments LM5034MTC Datasheet HTML 6Page - Texas Instruments LM5034MTC Datasheet HTML 7Page - Texas Instruments LM5034MTC Datasheet HTML 8Page - Texas Instruments LM5034MTC Datasheet HTML 9Page - Texas Instruments LM5034MTC Datasheet HTML 10Page - Texas Instruments LM5034MTC Datasheet HTML 11Page - Texas Instruments LM5034MTC Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
INTERNAL
CLOCK
CLK1
CLK2
1/OSC. FREQ.
RAMP1
RAMP2
40%
60%
VDCL
UserMaxDC1
UserMaxDC2
MaxDC1
MaxDC2
PWM
Comp1
PWM
Comp2
PWM1
PWM2
OUT1
OUT2
CLK2
CLK1
VDCL
-VUVLO
-VUVLO
LM5034
SNVS347A – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
TEST CIRCUIT DIAGRAMS
Timing Diagram
Figure 4. Internal Timing Diagram
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM5034


Similar Part No. - LM5034MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034MTC NSC-LM5034MTC Datasheet
1Mb / 29P
   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5034MTCX NSC-LM5034MTCX Datasheet
1Mb / 29P
   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
More results

Similar Description - LM5034MTC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Texas Instruments
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
[Old version datasheet]   High-Voltage Dual Interleaved Current Mode Controller
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
[Old version datasheet]   High Voltage Dual Interleaved Current Mode Controller
logo
National Semiconductor ...
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
   High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5027 TI1-LM5027 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
logo
National Semiconductor ...
LM5027 NSC-LM5027 Datasheet
552Kb / 26P
   Voltage Mode Active Clamp Controller
logo
Texas Instruments
LM5027A TI-LM5027A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Voltage Mode Active Clamp Controller
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
[Old version datasheet]   CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
   Active Clamp Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com