Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANHCE1N58011 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JANHCE1N58011
Description  6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANHCE1N58011 Datasheet(HTML) 1 Page - Microsemi Corporation

  JANHCE1N58011 Datasheet HTML 1Page - Microsemi Corporation JANHCE1N58011 Datasheet HTML 2Page - Microsemi Corporation JANHCE1N58011 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1345.PDF 02-23-99
1N5807
1N5809
1N5811
JANHCE and JANKCE
JANHCF and JANKCF
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
CHARACTERISTIC
SYMBOL
TYPICAL
MAX.
UNITS
Reverse Current
Rated VR, TC = 25°°C
IR
.01
5
µµA
Reverse Current
Rated VR, TC = 100°°C
IR
1.0
150
µµA
Forward Voltage Drop IF = 4A, TC = 25°°C
VF
.84
.875
Volts
Junction Capacitance @ VR = 10V
Cj
45
60
Pf
REVERSE RECOVERY CHARACTERISTICS:
REVERSE RECOVERY CHARACTERISTICS:
CHARACTERISTIC
SYMBOL
TYPICAL
MAX.
UNITS
Reverse Recovery Time
IF = 1A, IR = 1A, IRR = 0.1A
Trr
2.5
30
ns
Forward Recovery Voltage @ 1A Tr = 8ns
Vrr
1.5
2.2
V
Forward Recovery Time
IFM = 500 mA
15
ns
6 AMPS
FAST RECOVERY
RECTIFIER CHIP
50 - 150 VOLTS
FEATURES:
Chip Outline Dimensions: 68 x 68 mils
Chip Thickness: 8 to 12 mils
Anode Metallization: Aluminum
Metallization Thickness: 70,000Ã
à Nominal
Bonding Area: 42 x 42 mils Min.
Back Metallization: Gold-3000Ã
à Nominal
Junction Passivated with Thermal Silicon Dioxide - Planar Design
Backside Available with Solderable Ag Backside as JANHCF or
JANKCF
TYPE
VR
VBR
IO Tj = 75°°C
JANHCE1N5807
50V
60V
6.0A
JANHCE1N5809
100V
110V
6.0A
JANHCE1N58011
150V
160V
6.0A
JANKCE1N5807
50V
60V
6.0A
JANKCE1N5809
100V
110V
6.0A
JANKCE1N58011
150V
160V
6.0A
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
Chip Type: RA
A


Similar Part No. - JANHCE1N58011

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANHCE1N5802 MICROSEMI-JANHCE1N5802 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
JANHCE1N5804 MICROSEMI-JANHCE1N5804 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
JANHCE1N5806 MICROSEMI-JANHCE1N5806 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
More results

Similar Description - JANHCE1N58011

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802-1 MICROSEMI-1N5802-1 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
   3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
   1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
New Jersey Semi-Conduct...
1N5812 NJSEMI-1N5812 Datasheet
84Kb / 1P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
DONGGUAN YOU FENG WEI E...
FR601-R-6 YFWDIODE-FR601-R-6 Datasheet
397Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR601 YFWDIODE-FR601 Datasheet
95Kb / 3P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FR6A MCC-FR6A_08 Datasheet
444Kb / 5P
   6 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com