Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R4607A-01 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R4607A-01
Description  PHOTOMULTIPLIER TUBE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R4607A-01 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R4607A-01_15 Datasheet HTML 1Page - Hamamatsu Corporation R4607A-01_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ruggedized, High Temperature (175
°C) PMT for Oil Well Logging
51 mm (2 Inch) Diameter, 10-Stage, Head-on Type
CHARACTERISTICS (at 25
°C)
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2010 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
GENERAL
MAXIMUM RATINGS (Absolute Maximum Values)
PHOTOMULTIPLIER TUBE
R4607A-01
Parameter
Min.
Unit
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30 min storage in darkness)
Time Response
Luminous (2856 K)
Radiant at 375 nm
Blue Sensitivity Index (CS 5-58)
Luminous (2856 K)
Radiant at 375 nm
Anode Pulse Rise Time
Electron Transit Time
20
4
5
40
51
6
20
2.5
× 104
5
× 105
3*
2.2
28
µA/lm
mA/W
A/lm
A/W
nA
ns
ns
20
Typ.
Max.
Parameter
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Operating Ambient Temperature
Storage Temperature
Base
Suitable Socket
MateriaI
Minimum Effective Area
Structure
Number of Stages
300 to 650
375
High temp. bialkali
46
Borosilicate glass
Circular and Linear-focused
10
-30 to +175
-80 to +175
15-pin glass base
E678-15C (supplied)
nm
nm
mm
°C
°C
Description / Value
Parameter
Unit
Supply Voltage
Average Anode Current
Between Anode and Cathode
Between Anode and Last Dynode
1800
250
0.2
V
V
mA
Value
* 1.5
µA at 175 °C
VOLTAGE DlSTRlBUTlON RATlO AND SUPPLY VOLTAGE
Supply Voltage: 1500 V dc, K: Cathode, Dy: Dynode, P: Anode
Electrodes
Ratio
K
Dy1
2
Dy2
1
Dy3
1
Dy4
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10
P
11
11
ENVIRONMENTAL TESTING
Shock ......................................................... 5000 m/s2 (500G), 11
±1 ms, 3 impact shocks per direction (6 directions)
Vibration ..................................................... 200 m/s2 (20G), 50 Hz to 2000 Hz, 1 oct per minute, 3 sweeps per axis (3 axes)
(Only initial production tubes are tested)


Similar Part No. - R4607A-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R4607-01 HAMAMATSU-R4607-01 Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R4607A-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1477-06 HAMAMATSU-R1477-06 Datasheet
76Kb / 4P
   PHOTOMULTIPLIER TUBE
R374 HAMAMATSU-R374 Datasheet
28Kb / 2P
   PHOTOMULTIPLIER TUBE
R943-02 HAMAMATSU-R943-02 Datasheet
167Kb / 4P
   PHOTOMULTIPLIER TUBE
R1250 HAMAMATSU-R1250 Datasheet
23Kb / 2P
   PHOTOMULTIPLIER TUBE
R1893 HAMAMATSU-R1893 Datasheet
33Kb / 2P
   PHOTOMULTIPLIER TUBE
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
   PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
   PHOTOMULTIPLIER TUBE
R9182-01 HAMAMATSU-R9182-01 Datasheet
217Kb / 2P
   PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
   PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
   PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com