Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5041B Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5041B
Description  Cascaded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041B Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5041B_15 Datasheet HTML 5Page - Texas Instruments LM5041B_15 Datasheet HTML 6Page - Texas Instruments LM5041B_15 Datasheet HTML 7Page - Texas Instruments LM5041B_15 Datasheet HTML 8Page - Texas Instruments LM5041B_15 Datasheet HTML 9Page - Texas Instruments LM5041B_15 Datasheet HTML 10Page - Texas Instruments LM5041B_15 Datasheet HTML 11Page - Texas Instruments LM5041B_15 Datasheet HTML 12Page - Texas Instruments LM5041B_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LOGI
C
VIN
VCC
VREF
SS
10 PA
RT / SYNC
LOGIC
PGND
AGND
5V
REFERENCE
OSCILLATOR
DIVIDE BY 2
PUSH
CLK
CLK
VCC
CS
TIME
OSC
45 PA
LD
FB
0.5V
PWM
5k
5V
1.4V
100k
50k
CLK + LEB
COMP
0.75V
SS
R
S
Q
Q
HD
UVLO
UVLO
HYSTERESIS
(20 PA)
2.5V
2k
SS
ENABLE
VCC
UVLO
9V SERIES
REGULATOR
+
-
+
-
c
+
-
DRIVE
R
PULL
DRIVE
R
SLOPE COMP
RAMP
GENERATOR
VCC
OVERLAP
OR
DEAD TIME
CONTROL
+
-
UVLO SHUTDOWN
SS SHUTDOWN
+
-
0.45V
UVLO SHUTDOWN
SS SHUTDOWN
LM5041B
www.ti.com
SNVS605 – MAY 2009
BLOCK DIAGRAM
Figure 3. Simplified Block Diagram
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5041B


Similar Part No. - LM5041B_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041BMTC NSC-LM5041BMTC Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BMTCX NSC-LM5041BMTCX Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BSD NSC-LM5041BSD Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BSDX NSC-LM5041BSDX Datasheet
438Kb / 16P
   Cascaded PWM Controller
More results

Similar Description - LM5041B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041 Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com