Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5041B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5041B
Description  Cascaded PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5041B Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5041B Datasheet HTML 7Page - Texas Instruments LM5041B Datasheet HTML 8Page - Texas Instruments LM5041B Datasheet HTML 9Page - Texas Instruments LM5041B Datasheet HTML 10Page - Texas Instruments LM5041B Datasheet HTML 11Page - Texas Instruments LM5041B Datasheet HTML 12Page - Texas Instruments LM5041B Datasheet HTML 13Page - Texas Instruments LM5041B Datasheet HTML 14Page - Texas Instruments LM5041B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
K1 * RSET
PUSH
DEADTIME
WAVEFORMS
PULL
PUSH
PULL
K1 * RSET
K2 * RSET
K2 * RSET
OVERLAP
WAVEFORMS
LM5041B
www.ti.com
SNVS605 – MAY 2009
Push-Pull Outputs
The push pull outputs operate continuously at a nominal 50% duty cycle. A distinguishing feature of the
LM5041B is the ability to accurately configure either dead time (both-off) or overlap time (both-on) on the
complementary push-pull outputs. The overlap/dead time magnitude is controlled by a resistor connected to the
TIME pin on the controller. The TIME pin holds one end of the resistor at 2.5V and the other end of the resistor
should be connected to either REF for dead time control setting or to GND for overlap control. The polarity of the
current in the TIME is detected by the LM5041B The magnitude of the overlap/dead time can be calculated as
follows:
Overlap Time (ns) = (3.66 x RSET) + 7
Overlap Time in ns, RSET connected to GND, RSET in kΩ
Dead Time (ns) = (3.69 x RSET) + 21
Dead Time in ns, RSET connected to REF, RSET in kΩ
Recommended RSET programming range: 10 kΩ to 100 kΩ
Current-fed designs require a period of overlap to insure there is a continuous path for the buck inductor current.
Voltage-fed designs require a period of dead time to insure there is no time when the push-pull transformer acts
as a shorted turn to the low impedance sourcing node. The push-pull outputs alternate continuously under all
conditions provided REF the voltage is greater than 3V.
PWM Comparator
The PWM comparator compares the slope compensated current ramp signal to the loop error voltage from the
internal error amplifier (COMP pin). This comparator is optimized for speed in order to achieve minimum
controllable duty cycles. The comparator polarity is such that 0V on the COMP pin will produce zero duty cycle in
the buck stage.
Error Amplifier
An internal high gain wide-bandwidth error amplifier is provided within the LM5041B. The amplifier’s non-inverting
input is tied to a 0.75V reference. The inverting input is connected to the FB pin. In non-isolated applications the
power converter output is connected to the FB pin via the voltage setting resistors. Loop compensation
components are connected between the COMP and FB pins. For most isolated applications the error amplifier
function is implemented on the secondary side of the converter and the internal error amp is not used. The
internal error amplifier is configured as an open drain output and can be disabled by connecting the FB pin to
ground. An internal 5 k
Ω pull-up resistor between the 5V reference and the COMP pin can be used as the pull-up
for an opto-coupler in isolated applications.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5041B


Similar Part No. - LM5041B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BMTC NSC-LM5041BMTC Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BMTCX NSC-LM5041BMTCX Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BSD NSC-LM5041BSD Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041BSDX NSC-LM5041BSDX Datasheet
438Kb / 16P
   Cascaded PWM Controller
More results

Similar Description - LM5041B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5041 TI1-LM5041_14 Datasheet
1Mb / 21P
[Old version datasheet]   Cascaded PWM Controller
LM5041 TI1-LM5041 Datasheet
1Mb / 22P
[Old version datasheet]   Cascaded PWM Controller
logo
National Semiconductor ...
LM5041A NSC-LM5041A Datasheet
727Kb / 16P
   Cascaded PWM Controller
LM5041B NSC-LM5041B Datasheet
438Kb / 16P
   Cascaded PWM Controller
LM5041 NSC-LM5041 Datasheet
343Kb / 16P
   Cascaded PWM Controller
logo
Texas Instruments
LM5041MTCX TI-LM5041MTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041 Cascaded PWM Controller
LM5041A TI-LM5041A_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
LM5041AMTCX TI-LM5041AMTCX Datasheet
1Mb / 22P
[Old version datasheet]   LM5041A Cascaded PWM Controller
logo
Taiwan Semiconductor Co...
TS2581 TSC-TS2581 Datasheet
139Kb / 7P
   PWM Controller
logo
SANYO DENKI CO., LTD.
9PC8666X-S001 SANYODENKI-9PC8666X-S001 Datasheet
371Kb / 4P
   PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com