Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5115MTCX Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5115MTCX
Description  Secondary Side Post Regulator / Synchronous Buck Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5115MTCX Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5115MTCX Datasheet HTML 5Page - Texas Instruments LM5115MTCX Datasheet HTML 6Page - Texas Instruments LM5115MTCX Datasheet HTML 7Page - Texas Instruments LM5115MTCX Datasheet HTML 8Page - Texas Instruments LM5115MTCX Datasheet HTML 9Page - Texas Instruments LM5115MTCX Datasheet HTML 10Page - Texas Instruments LM5115MTCX Datasheet HTML 11Page - Texas Instruments LM5115MTCX Datasheet HTML 12Page - Texas Instruments LM5115MTCX Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SYNC
CLK
RAMP
BUFFER
2.5K
15 PA
CLK
Isync
Isync x 3
2.5k
Phase
Signal
R
SYNC
C
RAMP
LM5115
www.ti.com
SNVS343E – MARCH 2005 – REVISED MARCH 2013
DETAILED OPERATING DESCRIPTION
The LM5115 controller contains all of the features necessary to implement multiple output power converters
utilizing the Secondary Side Post Regulation (SSPR) technique. The SSPR technique develops a highly efficient
and well regulated auxiliary output from the secondary side switching waveform of an isolated power converter.
Regulation of the auxiliary output voltage is achieved by leading edge pulse width modulation (PWM) of the main
channel duty cycle. Leading edge modulation is compatible with either current mode or voltage mode control of
the main output. The LM5115 drives external high side and low side NMOS power switches configured as a
synchronous buck regulator. A current sense amplifier provides overload protection and operates over a wide
common mode input range from 0V to 13.5V. Additional features include a low dropout (LDO) bias regulator,
error amplifier, precision reference, adaptive dead time control of the gate driver signals and thermal shutdown. A
programmable oscillator provides a PWM clock signal when the LM5115 is powered by a dc input (free-run
mode) instead of the phase signal of the main channel converter (SSPR mode).
Low Drop-Out Bias Regulator (VCC)
The LM5115 contains an internal LDO regulator that operates over an input supply range from 4.5V to 30V. The
output of the regulator at the VCC pin is nominally regulated at 7V and is internally current limited to 40mA. VCC
is the main supply to the internal logic, PWM controller, and gate driver circuits. When power is applied to the
VBIAS pin, the regulator is enabled and sources current into an external capacitor connected to the VCC pin.
The recommended output capacitor range for the VCC regulator is 0.1uF to 100uF. When the voltage at the VCC
pin reaches the VCC under-voltage lockout threshold of 4.25V, the controller is enabled. The controller is
disabled if VCC falls below 4.0V (250mV hysteresis). In applications where an appropriate regulated dc bias
supply is available, the LM5115 controller can be powered directly through the VCC pin instead of the VBIAS pin.
In this configuration, it is recommended that the VCC and the VBIAS pins be connected together such that the
external bias voltage is applied to both pins. The allowable VCC range when biased from an external supply is
4.5V to 7V.
Synchronization (SYNC) and Feed-Forward (RAMP)
The pulsing “phase signal” from the main converter synchronizes the PWM ramp and gate drive outputs of the
LM5115. The phase signal is the square wave output from the transformer secondary winding before rectification
(Figure 1). A resistor connected from the phase signal to the low impedance SYNC pin produces a square wave
current (ISYNC) as shown in Figure 13. A current comparator at the SYNC input monitors ISYNC relative to an
internal 15µA reference. When ISYNC exceeds 15µA, the internal clock signal (CLK) is reset and the capacitor
connected to the RAMP begins to charge. The current source that charges the RAMP capacitor is equal to 3
times the ISYNC current. The falling edge of the phase signal sets the CLK signal and discharges the RAMP
capacitor until the next rising edge of the phase signal. The RAMP capacitor is discharged to ground by a low
impedance (100
Ω) n-channel MOSFET. The input impedance at SYNC pin is 2.5kΩ which is normally much less
than the external SYNC pin resistance.
Figure 13. Line Feed-Forward Diagram
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5115


Similar Part No. - LM5115MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
More results

Similar Description - LM5115MTCX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5115 TI1-LM5115_14 Datasheet
959Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator / Synchronous Buck Controller
LM5115MTCX TI-LM5115MTCX Datasheet
931Kb / 24P
[Old version datasheet]   LM5115 Secondary Side Post Regulator / Synchronous Buck Controller
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
LT3710 LINER-LT3710_15 Datasheet
228Kb / 12P
   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
LM5115 NSC-LM5115 Datasheet
725Kb / 17P
   Secondary Side Post Regulator Controller
logo
Texas Instruments
LM25115 TI-LM25115_15 Datasheet
951Kb / 23P
[Old version datasheet]   LM25115 Secondary Side Post Regulator Controller
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com