Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM10010 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM10010
Description  LM10010 VID Voltage Programmer for Point of Load Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM10010 Datasheet(HTML) 3 Page - Texas Instruments

  LM10010 Datasheet HTML 1Page - Texas Instruments LM10010 Datasheet HTML 2Page - Texas Instruments LM10010 Datasheet HTML 3Page - Texas Instruments LM10010 Datasheet HTML 4Page - Texas Instruments LM10010 Datasheet HTML 5Page - Texas Instruments LM10010 Datasheet HTML 6Page - Texas Instruments LM10010 Datasheet HTML 7Page - Texas Instruments LM10010 Datasheet HTML 8Page - Texas Instruments LM10010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
LM10010
www.ti.com
SNVS717C – JULY 2011 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VDD, EN, IDAC_OUT
-0.3V to 6V
VIDA, VIDB, VIDC, VIDS
-0.3V to 6V
ESD Rating(3)
Human Body Model
2 kV
Storage Temperature
-65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and conditions,
see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
Operating Ratings
VDD
3.0V to 5.5V
IDAC_OUT
-0.3V to VDD-1.75V
VIDA, VIDB, VIDC, VIDS
-0.3V to 5.5V
EN
-0.3V to 5.5V
Junction Temperature
−40°C to +125°C
Ambient Temperature
−40°C to +125°C
WSON-10 Thermal Resistance (
θJA)
(1)
40°C/W
(1)
Junction to ambient thermal resistance is highly application and board layout dependent. Specified thermal resistance values for the
package specified is based on a 4-layer, 4"x3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only. Limits appearing in boldface type apply over the full operating junction
temperature range (-40°C < TJ < +125°C). Unless otherwise noted, specifications apply to the Typical Application Circuit. See
(1).
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply, UVLO, and Enable
IQ
Quiescent current
VDD=5.0V, VEN=2.0V
250
280
µA
VDD=5.0V, VEN=2.0V, IFS
340
µA
VDD=5.0V, VEN=0.0V
45
70
µA
UVLO
Under voltage rising threshold
2.65
2.95
V
Under voltage falling threshold
2.2
2.45
V
Hysteresis
100
200
300
mV
VEN
Enable rising threshold
1.20
1.34
1.45
V
Enable hysteresis
50
100
180
mV
IEN
Enable pullup current
2
µA
IDAC
ACC
Accuracy
Measured at full scale
2
-2
%
LSB
DAC step size
IFS /(2
6-1)
940
nA
Default
Output code
At startup
46d
Code
Output current
At startup
16
µA
IFS
Full-scale output current
VID[5:0] = 000000b
59.2
µA
INL
Integral non-linearity
-1
0.15
1
LSB
(1)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production at TA = 25°C. All hot and
cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical process
control.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM10010


Similar Part No. - LM10010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SD TI1-LM10010SD Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
LM10010SDX TI1-LM10010SDX Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
More results

Similar Description - LM10010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10010 TI1-LM10010 Datasheet
268Kb / 13P
[Old version datasheet]   VID Voltage Programmer for Point of Load Regulator
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
LTC1706-85 LINER-LTC1706-85_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82 Datasheet
148Kb / 8P
   VID Voltage Programmer for Intel VRM 9.0
LTC1706-82 LINER-LTC1706-82_15 Datasheet
168Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
LTC1706-85 LINER-LTC1706-85 Datasheet
174Kb / 8P
   VID Voltage Programmer for Intel VRM 8.5
LTC1706-82 LINER-LTC1706-82_1 Datasheet
163Kb / 8P
   VID Voltage Programmer for Intel VRM9.0/9.1
logo
Vicor Corporation
PI1004-1 VICOR-PI1004-1 Datasheet
708Kb / 16P
   Programmable Point-of-Load Controller with 6-bit VID
logo
Linear Integrated Syste...
LTC1706-63 LINEAR-LTC1706-63 Datasheet
168Kb / 8P
   5-Bit VID Voltage Programmer for Sun CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com