Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANHCF1N5802 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANHCF1N5802
Description  2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANHCF1N5802 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANHCF1N5802 Datasheet HTML 1Page - Microsemi Corporation JANHCF1N5802 Datasheet HTML 2Page - Microsemi Corporation JANHCF1N5802 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1344.PDF 02-23-99
1N5802
1N5804
1N5806
JANHCE and JANKCE
JANHCF and JANKCF
GROUP A ELECTRICALS
GROUP A ELECTRICALS
DRAWING NUMBER: MIL-S-19500/477 NUMBER:JANKCE1N5802/5804/5806 D00G1N5802/5804/5806KC
TEST #
SYMBOL
TEST CONDITIONS
MINIMUM
MAXIMUM
UNIT
1
SUBGROUP A2
2
3
VFM1
IFM = 1.0 A
.875
V
4
VFM2
IFM = 2.5 A
.975
V
5
IR1
VR = 50 V (5802)
VR = 100 V (5804)
VR = 150 V (5806)
1.0
µµA
6
V(BR)1
I(BR) = 100 µµA
1N5802
1N5804
1N5806
60
110
160
V
V
V
7
8
SUBGROUP A3
9
IR2
VR = 50 V (5802)
VR = 100 V (5804)
TA = + 100°°C
VR = 150 V (5806)
50
µµA
10
VFM3
IFM = 1.0 A
TA = + 100°°C
0.800
V
11
VFM4
IFM = 1.0 A
TA = - 65°°C
1.075
V
12
V(BR)2
I(BR) = 100 µµA
TA = - 65°°C
1N5802
1N5804
1N5806
50
100
150
V
V
V
13
14
SUBGROUP 4
15
trr
IF = IR = 0.5 A IRM(REC) = 0.05 A
dl/dt = 65 A\us (min)
25
nS
16
CJ
VR = 10 V,
f = 1 Mhz
Vsig = 50 mV (P-P) (MAX)
25
pF
17
VFRM
tr = 8 nS
IFM = 250 mA
2.2
V
18
tfr
tp ≥≥ 20 nS
tr 8 nS
VFR = 1.1 x VF IFM = 250 mA(pk)
15
nS


Similar Part No. - JANHCF1N5802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANHCF1N58011 MICROSEMI-JANHCF1N58011 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
JANHCF1N5807 MICROSEMI-JANHCF1N5807 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
JANHCF1N5809 MICROSEMI-JANHCF1N5809 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
More results

Similar Description - JANHCF1N5802

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5807 MICROSEMI-1N5807 Datasheet
46Kb / 3P
   6 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
logo
Solid States Devices, I...
SPD5415 SSDI-SPD5415 Datasheet
158Kb / 2P
   3 AMPS 50 - 600 VOLTS 150 - 400 nsec FAST RECOVERY RECTIFIER
SPD5807 SSDI-SPD5807 Datasheet
148Kb / 2P
   6.0 AMPS 50 - 150 VOLTS 40 ns HYPERFAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
   1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
   6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
1N5812 MCC-1N5812 Datasheet
124Kb / 2P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
New Jersey Semi-Conduct...
1N5812 NJSEMI-1N5812 Datasheet
84Kb / 1P
   20 Amp Ultra Fast Recovery Rectifier 50 to 150 Volts
logo
Solid States Devices, I...
SPD5802 SSDI-SPD5802 Datasheet
148Kb / 2P
   LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER
SDA263AF-3 SSDI-SDA263AF-3 Datasheet
23Kb / 1P
   75 AMPS 50 - 1000 VOLTS FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
1N5415 NJSEMI-1N5415 Datasheet
97Kb / 1P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER 3.0 AMPS, 50 THRU 600 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com