Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9404CA Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9404CA
Description  Mini-spectrometers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9404CA Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9404CA_15 Datasheet HTML 1Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 2Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 3Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 4Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 5Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 6Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 7Page - Hamamatsu Corporation C9404CA_15 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TG series
Mini-spectrometers
C9404CA, C9404CAH
2
Structure
Absolute maximum ratings
Parameter
C9404CA
C9404CAH
Unit
Dimensions (W × D × H)
125.7 × 115.7 × 75
mm
Weight
670
g
Image sensor
Back-thinned type CCD image sensor (S10420-1006-01)
-
Number of pixels
1024
pixels
Slit*6 (H × V)
140 × 500
10 × 1000
μm
NA*7
0.11
-
Connector for optical fiber
SMA905D
-
*6: Entrance slit aperture size
*7: Numeric aperture (solid angle)
Parameter
C9404CA
C9404CAH
Unit
Operating temperature*8
+5 to +40
°C
Storage temperature*8
-20 to +70
°C
*8: No dew condensation
When there is a temperature difference between a product and the surrounding area in high humidity environment, dew condensation
may occur on the product surface. Dew condensation on the product may cause deterioration in characteristics and reliability.
Note: Exceeding the absolute maximum ratings even momentarily may cause a drop in product quality. Always be sure to use the
product within the absolute maximum ratings.
Spectral resolution vs. wavelength
Wavelength (nm)
C9404CA
(Slit width 140 μm, NA 0.11)
C9404CAH
(Slit width 10 μm, NA 0.11)
200
300
400
(Typ. Ta=25 °C)
5
4
3
2
1
0
Linearity (typical example)
10
100
1000
10000
100000
-10
-6
-8
10000
1000
Integration time (ms)
100
10
-2
-4
0
4
2
6
8
10
Typical example of A/D output
Ideal value of A/D output
Difference between ideal value
and typical example
KACCB0236EB
KACCB0160EC
A/D output is the output with dark output is
subtracted when light is input. The difference
between the ideal value and typical example
contains a measurement error. The smaller the
A/D output, the larger the measurement error.


Similar Part No. - C9404CA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9404CAH HAMAMATSU-C9404CAH Datasheet
302Kb / 4P
   Mini-spectrometer TG series
More results

Similar Description - C9404CA_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11007MA HAMAMATSU-C11007MA_15 Datasheet
406Kb / 11P
   Mini-spectrometers
C9913GC HAMAMATSU-C9913GC_15 Datasheet
305Kb / 8P
   Mini-spectrometers
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
C11714CB HAMAMATSU-C11714CB_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C10988MA-01 HAMAMATSU-C10988MA-01_15 Datasheet
549Kb / 10P
   Mini-spectrometers
logo
Agilent(Hewlett-Packard...
4500 HP-4500 Datasheet
301Kb / 2P
   4500 Series FTIR spectrometers
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com