Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3L14SMNTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3L14SMNTXG
Description  2.5 V 1:4 LVDS Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L14SMNTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NB3L14SMNTXG Datasheet HTML 1Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 2Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 3Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 4Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 5Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 6Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 7Page - ON Semiconductor NB3L14SMNTXG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB3L14S
http://onsemi.com
5
Table 6. AC CHARACTERISTICS (VCC = 2.375 V to 2.625 V, GND = 0 V)
Symbol
Characteristic
−40°C to +85°C
Unit
Min
Typ
Max
finMax
Maximum Input Clock Frequency
300
MHz
VOUTPP Output Voltage Amplitude (@ VINPPmin)fin ≤ 300 MHz
250
350
450
mV
tPLH,
tPHL
Differential Input to Differential Output, IN to Q
Propagation Delay @ 50 MHz
300
450
600
ps
tSKEW
Within Device Output−to−Output Skew (Note 12)
Device−to−Device Skew (Note 12)
5
30
20
200
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 11)
150
1800
mV
tr
tf
Output Rise/Fall Times @ 50 MHz
Q, Q
(20% − 80%)
250
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
11. Input voltage swing is a single−ended measurement operating in differential mode.
12.Skew is measured between outputs under identical transition @ 50 MHz.
INPUT CLOCK FREQUENCY (MHz)
Figure 3. Output Voltage Amplitude (VOUTPP) versus
Input Clock Frequency (fin) and Temperature (@ VCC = 2.5 V)
0
50
100
150
200
250
300
350
400
100
200
300
0
400


Similar Part No. - NB3L14SMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L02 ONSEMI-NB3L02 Datasheet
200Kb / 4P
   2.8 V, High Precision 1:2 Clock Fanout Buffer
June, 2013 ??Rev. 0
NB3L03 ONSEMI-NB3L03 Datasheet
173Kb / 4P
   2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
NB3L03FCT2G ONSEMI-NB3L03FCT2G Datasheet
173Kb / 4P
   2.8 V, High Precision 1:3 Clock Fanout Buffer
February, 2014 ??Rev. 1
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
April, 2016 ??Rev. 0
NB3L202K ONSEMI-NB3L202K Datasheet
143Kb / 14P
   Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results

Similar Description - NB3L14SMNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504S ONSEMI-NB3L8504S Datasheet
295Kb / 11P
   2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
November, 2014 ??Rev. 1
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
logo
Pericom Semiconductor C...
PI6C5922504 PERICOM-PI6C5922504 Datasheet
971Kb / 12P
   2.5 GHz 1:4 LVDS Fanout Buffer with Internal Termination
logo
ON Semiconductor
NB6L11SMNGEVB ONSEMI-NB6L11SMNGEVB Datasheet
231Kb / 11P
   2.5 V 1:2 AnyLevel Input to LVDS Fanout Buffer / Translator
November, 2014 ??Rev. 9
NB3L8543S ONSEMI-NB3L8543S Datasheet
234Kb / 12P
   2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
October, 2014 ??Rev. 1
logo
Asahi Kasei Microsystem...
AK8181F AKM-AK8181F Datasheet
654Kb / 12P
   3.3V LVDS 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
   3.3V LVDS 1:4 Clock Fanout Buffer
logo
Integrated Device Techn...
8SLVD2104 IDT-8SLVD2104 Datasheet
436Kb / 16P
   Dual 1:4, LVDS Output Fanout Buffer
logo
ON Semiconductor
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
logo
Integrated Device Techn...
8T74S208C-01 IDT-8T74S208C-01 Datasheet
469Kb / 20P
   2.5 V Differential LVDS Clock Divider and Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com