Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3L8504SDTR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3L8504SDTR2G
Description  2.5 V / 3.3 V 1:4 Differential Input to LVDS Fanout Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3L8504SDTR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NB3L8504SDTR2G Datasheet HTML 1Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 2Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 3Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 4Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 5Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 6Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 7Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 8Page - ON Semiconductor NB3L8504SDTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
NB3L8504S
www.onsemi.com
5
Table 6. AC CHARACTERISTICS VDD = 2.5 V ± 5% or 3.3 V ± 10%; GND = 0 V; TA = −40°C to 85°C (Note 12) (Figure 10)
Symbol
Characteristic
Min
Typ
Max
Unit
fMAX
Input Clock Frequency
VOUTPP ≥ 250 mV @ VINPPmax
700
MHz
VOUTPP
Output Voltage Amplitude (@ VINPPmin) fin ≤ 700 MHz
(See Figure 3)
250
350
mV
tpd
Differential Input to Differential Output Propagation Delay at fMAX
@ VDD = 3.3 V
0.9
1.3
ns
tjit(f)
Additive Phase Jitter RMS (Figure 4)
fout = 156.25 MHz
Integration Range:12 kHz − 20 MHz
fout = 100 MHz
0.07
0.10
0.08
0.105
ps
tSKEW(o−o)
Output−to−output Skew (Note 14) (Figure 8)
50
ps
TSKEW(pp)
Part−to−part Skew (Note 14)
350
ps
tr / tf
Output Rise/Fall Times @ 50 MHz, 20% − 80%
180
350
660
ps
tDC
Output Clock Duty Cycle (Input Duty Cycle = 50%)
45
50
55
%
VINPP
Input Voltage Swing
(Differential Configuration) (Note 13)
150
1300
mV
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
12.Measured by forcing a 50% duty cycle clock source. All LVDS output loading with an external RL = 100 W across Q & Q.
13.VINPP(max) cannot exceed VDD. Input voltage swing is a single−ended measurement operating in differential mode.
14.Skew is measured between outputs under identical transition at 50 MHz.
Figure 3. Output Voltage Amplitude (VOUTPP) vs. Input Clock Frequency (fin) and Temperature (@ VDD = 2.5 V)


Similar Part No. - NB3L8504SDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3L8504SDTR2G ONSEMI-NB3L8504SDTR2G Datasheet
249Kb / 11P
   1:4 Differential Input to LVDS Fanout Buffer / Translator
April, 2016 ??Rev. 2
More results

Similar Description - NB3L8504SDTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6N14S ONSEMI-NB6N14S Datasheet
176Kb / 10P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
January, 2007 ??Rev. 3
NB6N14SMNGEVB ONSEMI-NB6N14SMNGEVB Datasheet
279Kb / 11P
   3.3 V 1:4 AnyLevel Differential Input to LVDS Fanout Buffer/Translator
September, 2013 ??Rev. 8
NB6L14S ONSEMI-NB6L14S Datasheet
216Kb / 11P
   2.5 V 1:4 AnyLevel??Differential Input to LVDS Fanout Buffer/Translator
June, 2009 ??Rev. 0
NB3L8543S ONSEMI-NB3L8543S Datasheet
234Kb / 12P
   2.5 V/3.3 V Differential 2:1 MUX to 4 LVDS Clock Fanout Buffer Outputs
October, 2014 ??Rev. 1
NB3L14S ONSEMI-NB3L14S Datasheet
127Kb / 8P
   2.5 V 1:4 LVDS Fanout Buffer
November, 2012 ??Rev. 0
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
ON Semiconductor
NB6L14 ONSEMI-NB6L14 Datasheet
153Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
December, 2006 ??Rev. 0
NB6L14 ONSEMI-NB6L14_07 Datasheet
113Kb / 10P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 LVPECL Fanout Buffer
May, 2007 - Rev. 1
NB6L14M ONSEMI-NB6L14M Datasheet
154Kb / 11P
   2.5 V/3.3 V 3.0 GHz Differential 1:4 CML Fanout Buffer
December, 2006 ??Rev. 0
NB3L553 ONSEMI-NB3L553 Datasheet
74Kb / 6P
   2.5 V / 3.3 V / 5.0 V 1:4 Clock Fanout Buffer
March, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com