Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3M8T3910G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3M8T3910G
Description  Configurable Differential Clock Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3M8T3910G Datasheet(HTML) 4 Page - ON Semiconductor

  NB3M8T3910G Datasheet HTML 1Page - ON Semiconductor NB3M8T3910G Datasheet HTML 2Page - ON Semiconductor NB3M8T3910G Datasheet HTML 3Page - ON Semiconductor NB3M8T3910G Datasheet HTML 4Page - ON Semiconductor NB3M8T3910G Datasheet HTML 5Page - ON Semiconductor NB3M8T3910G Datasheet HTML 6Page - ON Semiconductor NB3M8T3910G Datasheet HTML 7Page - ON Semiconductor NB3M8T3910G Datasheet HTML 8Page - ON Semiconductor NB3M8T3910G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NB3M8T3910G
http://onsemi.com
4
FUNCTION TABLES
Table 3. SELx INPUT SELECT TABLE
SEL[1:0] Inputs
Selected Input
00
CLK0/CLK0
01
CLK1/CLK1
10
XTAL
11
XTAL
Table 4. OE_SE OUTPUT CONTROL TABLE FOR
REFOUT
OE_SE Input Level
REFOUT Status
Low
High Impedance
High
Enabled
Table 5. DIFF CLK INPUT / OUTPUT TABLE (Diff or
S.E. stimulus)
Input State
Output State
CLKx = LOW, CLKx = HIGH
Qx = LOW, Qx = HIGH
CLKx = HIGH, CLKx = LOW
Qx = HIGH, Qx = LOW
CLKx = Open; CLKx = Open
Qx = LOW, Qx = HIGH
CLKx = LOW; CLKx = LOW
Qx = LOW, Qx = HIGH
CLKx = HIGH; CLKx = HIGH
Qx = LOW, Qx = HIGH
Table 6. OUTPUT MODE CONFIGURATION TABLE
SMODEA/B[1:0] Inputs
Output Mode
00
LVPECL output.
01
LVDS output.
10
HCSL output.
11
High Impedance.
Table 7. ATTRIBUTES
Characteristic
Value
ESD Protection
Human Body Model
Machine Model
>2 kV
200 V
Moisture Sensitivity (Note 1)
QFN48
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
1318 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
Table 8. MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition
Rating
Unit
VDD
Positive Power Supply
GND = 0 V
4.6
V
VI
XTAL_IN Input Voltage
CLKx/CLKx; SELx; SMODExx; OS_SE
0
≤ VI ≤ VDD
−0.5
≤ VI ≤ VDDO + 0.5
V
V
Vo
Output Voltage
HCSL; LVCMOS
−0.5
v VO ≤ VDDO + 0.5
V
Io
LVPECL Output Current
Continuous Current
Surge Current
50
100
mA
Io
LVDS Output Current
Continuous Current
Surge Current
10
15
mA
VOHCSL
Output Voltage (HCSL)
−0.5 to VDDO + 0.5
V
TA
Operating Temperature Range, Industrial
−40 to 85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
30.5
24.9
°C/W
qJC
Thermal Resistance (Junction−to−Case)
(Note 2)
12 − 17
°C/W
Tsol
Soldering Temperature
+260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
2. JEDEC standard multilayer board − 2S2P (2 signal, 2 power).


Similar Part No. - NB3M8T3910G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910GMNTWG ONSEMI-NB3M8T3910GMNTWG Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
More results

Similar Description - NB3M8T3910G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com