Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB3M8T3910GMNR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NB3M8T3910GMNR2G
Description  Configurable Differential Clock Fanout Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3M8T3910GMNR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NB3M8T3910GMNR2G Datasheet HTML 1Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 2Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 3Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 4Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 5Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 6Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 7Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 8Page - ON Semiconductor NB3M8T3910GMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
NB3M8T3910G
http://onsemi.com
3
Table 1. PIN DESCRIPTION
Number
Description
Default
(Internal
Resistors)
Type
Name
15, 42
VDD
Power
VDD Positive Supply pin for core logic. VDD pins must all be externally
connected to a power supply to guarantee proper operation. Bypass with
0.01
mF cap to GND.
16, 17
XTAL_IN,
XTAL_OUT
Input
Crystal input / output. XTAL_IN can also be driven by X0, TCX0 or other
external single−ended clock.
19, 22
SEL0
SEL1
Input
Pulldown
Input clock selectors. See Table 3 for function. LVCMOS/LVTTL interface
levels.
20
CLK0
Input
Pulldown
Non−inverting clock input 0. LVPECL, LVDS, SSTL, HCSL levels.
21
CLK0
Input
Pullup /
Pulldown
Inverting differential clock input 0. LVPECL, LVDS, SSTL, HCSL, LVCMOS
levels. Internal bias to VDD B 2.
23,
39
SMODEB0 /
SMODEB1
Input
Pulldown
Output driver selects for BANK B. See Table 6 for function. LVCMOS/LVTTL
levels.
25,26
QB4, QB4
Output
Bank B differential output pair Q4. Configurable as LVPECL / LVDS / HCSL
27,28
QB3, QB3
Output
Bank B differential output pair Q3. Configurable as LVPECL / LVDS / HCSL.
30,31
QB2, QB2
Output
Bank B differential output pair Q2. Configurable as LVPECL / LVDS / HCSL.
33,34
QB1, QB1
Output
Bank B differential output pair Q1. Configurable as LVPECL / LVDS / HCSL.
35,36
QB0, QB0
Output
Bank B differential output pair Q0. Configurable as LVPECL / LVDS / HCSL.
38
IREF
Output
Connect a fixed 475
W precision resistor from this pin to ground to provide
the output reference current. Required for HCSL, not used for LVPECL or
LVDS.
40
CLK1
Input
Pullup /
Pulldown
Inverting differential clock input 1. LVPECL, LVDS, SSTL, HCSL levels
internal bias to VDD/2. Internal bias to VDD B 2.
41
CLK1
Input
Pulldown
Non−inverting differential clock input 1. LVPECL, LVDS, SSTL, HCSL,
LVCMOS levels.
44
REFOUT
Output
Reference output, LVCMOS.
46
OE_SE
Input
Pulldown
Synchronous Enable Control for REFOUT. LVCMOS/LVTTL levels.
EP
EXPOSED
PAD
Thermal
The Exposed Pad (EP) on the QFN−48 package bottom is thermally
connected to the die for improved heat transfer out of package. The
exposed pad must be attached to a heat−sinking conduit. The pad is
electrically connected to the die, and must be electrically connected to
GND.
Table 2. PIN CHARACTERISTICS
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Capacitance
4
pF
RPU/RPD
Input Pullup/Pulldown Resistor
50
k
W


Similar Part No. - NB3M8T3910GMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3M8T3910GMNR2G ONSEMI-NB3M8T3910GMNR2G Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
More results

Similar Description - NB3M8T3910GMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3M8T3910G ONSEMI-NB3M8T3910G_18 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
May, 2018 ??Rev. 3
NB3M8T3910 ONSEMI-NB3M8T3910_16 Datasheet
187Kb / 20P
   Configurable Differential Clock Fanout Buffer
March, 2016 ??Rev. 2
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Renesas Technology Corp
8T39204 RENESAS-8T39204 Datasheet
1Mb / 41P
   Crystal or Differential to Differential Clock Fanout Buffer
February 2, 2023
8T39S06A RENESAS-8T39S06A Datasheet
1Mb / 40P
   Crystal or Differential to Differential Clock Fanout Buffer
May 20, 2016
logo
Integrated Device Techn...
8T39S08A IDT-8T39S08A Datasheet
845Kb / 39P
   Crystal or Differential-to-Differential Clock Fanout Buffer
logo
Renesas Technology Corp
IDT8T39S10I RENESAS-IDT8T39S10I Datasheet
1Mb / 44P
   Crystal or Differential to Differential Clock Fanout Buffer
2019
logo
Integrated Device Techn...
8T39S04A IDT-8T39S04A Datasheet
807Kb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
logo
Renesas Technology Corp
8T39S04A RENESAS-8T39S04A Datasheet
1Mb / 36P
   Crystal or Differential to Differential Clock Fanout Buffer
July 24, 2019
8T39S08A RENESAS-8T39S08A Datasheet
1Mb / 40P
   Crystal or Differential-to-Differential Clock Fanout Buffer
May 19, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com