Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP439FCT2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP439FCT2G
Description  2A Very Low Ron Switches at Low Vin Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP439FCT2G Datasheet(HTML) 6 Page - ON Semiconductor

  NCP439FCT2G Datasheet HTML 1Page - ON Semiconductor NCP439FCT2G Datasheet HTML 2Page - ON Semiconductor NCP439FCT2G Datasheet HTML 3Page - ON Semiconductor NCP439FCT2G Datasheet HTML 4Page - ON Semiconductor NCP439FCT2G Datasheet HTML 5Page - ON Semiconductor NCP439FCT2G Datasheet HTML 6Page - ON Semiconductor NCP439FCT2G Datasheet HTML 7Page - ON Semiconductor NCP439FCT2G Datasheet HTML 8Page - ON Semiconductor NCP439FCT2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP439
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 4. RDS(on) (mW) vs VIN (V), No Load
1.0
1.5
5.0
4.0
2.0
2.5
3.0
3.5
60
55
50
45
40
35
30
25
10
VIN (V)
Figure 5. RDS(on) (mW) vs VIN (V) In
Temperature (5C), No Load
100
VIN (V)
1.0
1.5
4.5
4
2.0
2.5
3.0
3.5
90
80
70
60
50
40
30
20
10
0
Figure 6. Quiescent Current (mA) vs VIN (V), In
Temperature
−40°C
25°C
85°C
1.0
1.5
5.0
4.0
2.0
2.5
3.0
3.5
4.0
VIN (V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1
0.8
VIN (V)
−40°C
25°C
85°C
−40°C
0°C
25°C
85°C−
125°C
Figure 7. Standby Current (mA) vs VIN (V), In
Temperature
1.2
VIN (V)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
23
4
5
12
3
4
5
0
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
Vih
Vil
Figure 8. Enable Logic Threshold vs VIN
4.5


Similar Part No. - NCP439FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP439FCT2G ONSEMI-NCP439FCT2G Datasheet
107Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
More results

Similar Description - NCP439FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP439 ONSEMI-NCP439_16 Datasheet
107Kb / 9P
   2A Very Low Ron Switches at Low Vin Voltage
August, 2016 ??Rev. 1
logo
Semtech Corporation
SC724 SEMTECH-SC724 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
SC728 SEMTECH-SC728 Datasheet
2Mb / 15P
   2A Low Vin, Very Low Ron Load Switch
SC704 SEMTECH-SC704 Datasheet
1Mb / 14P
   500mA Low Vin, Very Low Ron Load Switch
logo
Texas Instruments
TPS22921 TI-TPS22921_09 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE,ULTRA-LOW ron LOAD SWITCHES
TPS22921 TI-TPS22921 Datasheet
938Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
TPS22921 TI-TPS22921_10 Datasheet
925Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE, ULTRA-LOW rON LOAD SWITCHES
logo
Unisonic Technologies
US2236095D UTC-US2236095D Datasheet
159Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
logo
Texas Instruments
TPS22901 TI-TPS22901 Datasheet
707Kb / 25P
[Old version datasheet]   ULTRA SMALL, LOW INPUT VOLTAGE, LOW rON, LOAD SWITCHES
logo
Unisonic Technologies
US2236095 UTC-US2236095 Datasheet
151Kb / 6P
   ULTRA SMALL, LOW INPUT VOLTAGE, LOW RON, LOAD SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com