Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A23L0616 Datasheet(PDF) 5 Page - AMIC Technology

Part # A23L0616
Description  1M X 16 / 2M X 8 BIT CMOS MASK ROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A23L0616 Datasheet(HTML) 5 Page - AMIC Technology

  A23L0616_15 Datasheet HTML 1Page - AMIC Technology A23L0616_15 Datasheet HTML 2Page - AMIC Technology A23L0616_15 Datasheet HTML 3Page - AMIC Technology A23L0616_15 Datasheet HTML 4Page - AMIC Technology A23L0616_15 Datasheet HTML 5Page - AMIC Technology A23L0616_15 Datasheet HTML 6Page - AMIC Technology A23L0616_15 Datasheet HTML 7Page - AMIC Technology A23L0616_15 Datasheet HTML 8Page - AMIC Technology A23L0616_15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
A23L0616/ A23L06161/A23L06162 Series
(April, 2007, Version 1.0)
4
AMIC Technology, Corp.
Pin Descriptions
Pin No.
44L SOP
(A23L0616)
48L TSOP
(A23L0616)
48L TSOP
(A23L06161)
48L TSOP
(A23L06162)
Symbol
Description
2-11,
34-43
2-11,
14-23
1-9,
16-25, 48
1-8,
15-25, 48
A0-A19
Address Inputs
15-22,
24-30
28-35,
39-45
29-36,
38-44
29-36,
38-44
O0-O14
Data Outputs
31
46
45
45
O15/A-1
Output 15(WORD mode)
/LSB Address (BYTE mode)
12
24
26
26
CE
Chip Enable Input
14
27
28
28
OE
Output Enable Input
33
1
47
-
BYTE
BYTE or WORD mode Selection
23
37-38
37
37, 47
VCC
Power Supply
13, 32
12, 25-26,
47-48
27, 46
27, 46
GND
Ground
1, 44
13, 36
10-15
9-14
NC
No Connection
Recommended DC Operating Conditions
(TA = 0
°C to +70°C)
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
GND
Ground
0
0
V
VIH
Input High Voltage
2.2
VCC+0.3
V
VIL
Input Low Voltage
- 0.3
0.6
V


Similar Part No. - A23L0616_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L06161 AMICC-A23L06161 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06161V AMICC-A23L06161V Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162 AMICC-A23L06162 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162-70 AMICC-A23L06162-70 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L06162V AMICC-A23L06162V Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
More results

Similar Description - A23L0616_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L9316 AMICC-A23L9316 Datasheet
260Kb / 11P
   512K X 16 / 1M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616 Datasheet
124Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
A23L1616 AMICC-A23L1616_15 Datasheet
160Kb / 11P
   2M X 16 / 4M X 8 BIT CMOS MASK ROM
logo
Macronix International
MX23C2100 MCNIX-MX23C2100 Datasheet
52Kb / 7P
   2M-BIT 256K x 8/128K x 16 CMOS MASK ROM
MX23C1024 MCNIX-MX23C1024 Datasheet
106Kb / 7P
   1M-BIT [64K x 16] CMOS MASK ROM
MX23C8000 MCNIX-MX23C8000 Datasheet
637Kb / 11P
   8M-BIT [1M x 8] CMOS MASK ROM
MX23L1610 MCNIX-MX23L1610 Datasheet
770Kb / 11P
   3.3 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
MX27C1610 MCNIX-MX27C1610 Datasheet
321Kb / 19P
   16M-BIT [2M x 8/1M x 16] CMOS OTP ROM
MX23C1610 MCNIX-MX23C1610 Datasheet
768Kb / 11P
   5 Volt 16-Mbit (2M x 8 / 1M x 16) Mask ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com