Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV51400MNTXG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV51400MNTXG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV51400MNTXG Datasheet(HTML) 2 Page - ON Semiconductor

  NCV51400MNTXG Datasheet HTML 1Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 2Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 3Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 4Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 5Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 6Page - ON Semiconductor NCV51400MNTXG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NCP51400, NCV51400
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Number
Pin Name
Pin Function
1
VRI
VTT External Reference Input ( set to VDDQ / 2 thru resistor network ).
2
PVCC
Power input. Internally connected to the output source MOSFET.
3
VTT
Power Output of the Linear Regulator.
4
PGND
Power Ground. Internally connected to the output sink MOSFET.
5
VTTS
VTT Sense Input. The VTTS pin provides accurate remote feedback sensing of VTT. Connect VTTS to the
remote DDR termination bypass capacitors.
6
VRO
Independent Buffered VTT Reference Output. Sources and sinks over 5 mA. Connect to GND thru
0.1
mF ceramic capacitor.
7
EN
Shutdown Control Input. CMOS compatible input. Logic high = enable, logic low = shutdown. Connect
to VDDQ for normal operation.
8
GND
Common Ground.
9
PGOOD
Power Good (Open Drain output).
10
VCC
Analog power supply input. Connect to GND thru a 1 − 4.7
mF ceramic capacitor.
THERMAL
PAD
Pad for thermal connection. The exposed pad must be connected to the ground plane using multiple
vias for maximum power dissipation performance.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
VCC, PVCC, VTT, VTTS, VRI, VRO (Note 1)
−0.3 to 6.0
V
EN, PGOOD (Note 1)
−0.3 to 6.0
V
PGND to GND (Note 1)
−0.3 to +0.3
V
Storage Temperature
TSTG
−55 to 150
°C
Operating Junction Temperature Range
TJ
150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following method:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
DISSIPATION RATINGS
Package
TA = 255C Power Rating
Derating Factor above
TA = 255C
TA = +855C Power Rating
10−Pin DFN
1.92 W
19 mW/
°C
0.79 W
RECOMMENED OPERATING CONDITIONS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
2.375 to 5.5
V
Voltage Range
VRO
−0.1 to 1.8
V
VRI
0.5 to 1.8
PVCC, VTT, VTTS, EN, PGOOD
−0.1 to 3.5
PGND
−0.1 to +0.1
Operating Free−Air Temperature
TA
−40 to +125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCV51400MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCV51400MNTXG ONSEMI-NCV51400MNTXG Datasheet
261Kb / 9P
   3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
More results

Similar Description - NCV51400MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com