Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP51402MNTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP51402MNTXG
Description  Termination Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51402MNTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP51402MNTXG Datasheet HTML 1Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 2Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 3Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 4Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 5Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 6Page - ON Semiconductor NCP51402MNTXG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NCP51402
www.onsemi.com
5
General
The NCP51402 is a sink/source tracking termination
regulator specifically designed for low input voltage and
low external component count systems where space is a key
application parameter. The NCP51402 integrates a
high−performance, low−dropout (LDO) linear regulator
that is capable of both sourcing and sinking current. The
LDO regulator employs a fast feedback loop so that small
ceramic capacitors can be used to support the fast load
transient response. To achieve tight regulation with
minimum effect of trace resistance, a remote sensing
terminal, VTTS, should be connected to the positive terminal
of the output capacitors as a separate trace from the high
current path from VTT.
VRI − Generation of Internal Voltage Reference
The output voltage, VTT, is regulated to VRO. When VRI
is configured for standard DDR termination applications,
VRI can be set by an external equivalent ratio voltage divider
connected to the memory supply bus (VDDQ). The
NCP51402 supports VRI voltage from 0.5 V to 1.8 V,
making it versatile and ideal for many types of low−power
LDO applications.
VRO − Reference Output
When it is configured for DDR termination applications,
VRO generates the DDR VTT reference voltage for the
memory application. It is capable of supporting both a
sourcing and sinking load of 10 mA. VRO becomes active
when VRI voltage rises to 435 mV and VCC is above the
UVLO threshold. When VRO is less than 360 mV, it is
disabled and subsequently discharges to GND through an
internal 10 k
W MOSFET. VRO is independent of the EN pin
state.
EN − Enable Control
When EN is driven high, the NCP51402 VTT regulator
begins normal operation. When EN is driven low, VTT is
discharges to GND through an internal 18−
W MOSFET.
VREF remains on when EN is driven low.
PGOOD − PowerGood
The NCP51402 provides an open−drain PGOOD output
that goes high when the VTT output is within
±20% of VRO.
PGOOD de−asserts within 10
ms after the output exceeds the
limits of the PowerGood window. During initial VTT
startup, PGOOD asserts high 2 ms after the VTT enters power
good window. Because PGOOD is an open−drain output, a
100 k
W, pull−up resistor between PGOOD and a stable active
supply voltage rail is required.
The LDO has a constant over−current limit (OCL). Note
that the OCL level reduces by one−half when the output
voltage is not within the power good window. This reduction
is non−latch protection. For VCC under−voltage lockout
(UVLO) protection, the NCP51402 monitors VCC voltage.
When the VCC voltage is lower than the UVLO threshold
voltage, both the VTT and VRO regulators are powered off.
This shutdown is also non−latch protection.
Thermal Shutdown with Hysteresis
If the NCP51402 is to operate in elevated temperatures for
long durations, care should be taken to ensure that the
maximum operating junction temperature is not exceeded.
To guarantee safe operation, the NCP51402 provides
on−chip thermal shutdown protection. When the chip
junction temperature exceeds 150
°C, the part will shutdown.
When the junction temperature falls back to 125
°C, the
device
resumes
normal
operation.
If
the
junction
temperature exceeds the thermal shutdown threshold then
the VTT and VRO regulators are both shut off, discharged by
the internal discharge MOSFETs. The shutdown is a
non−latch protection.
Tracking Startup and Shutdown
The NCP51402 also supports tracking startup and
shutdown when EN is tied directly to the system bus and not
used to turn on or turn off the device. During tracking
startup, VTT follows VRO once VRI voltage is greater than
435 mV. VRI follows the rise of VDDQ memory supply rail
via a voltage divider. PGOOD is asserted 2 ms after VTT is
within
±20% of VRO. During tracking shutdown, VTT falls
following VRO until VRO reaches 360 mV. Once VRO falls
below 360 mV, the internal discharge MOSFETs are turned
on and quickly discharge both VRO and VTT to GND. PGOOD
is de−asserted once VTT is beyond the
±20% range of VRO.


Similar Part No. - NCP51402MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51402MNTXG ONSEMI-NCP51402MNTXG Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
More results

Similar Description - NCP51402MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
   Termination Regulator
March, 2015 ??Rev. P0
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com