Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS5651 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS5651
Description  2 Amp PLC Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS5651 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS5651 Datasheet HTML 3Page - ON Semiconductor NCS5651 Datasheet HTML 4Page - ON Semiconductor NCS5651 Datasheet HTML 5Page - ON Semiconductor NCS5651 Datasheet HTML 6Page - ON Semiconductor NCS5651 Datasheet HTML 7Page - ON Semiconductor NCS5651 Datasheet HTML 8Page - ON Semiconductor NCS5651 Datasheet HTML 9Page - ON Semiconductor NCS5651 Datasheet HTML 10Page - ON Semiconductor NCS5651 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCS5651
www.onsemi.com
10
Safe Operating Area
The safe operating area (SOA) of an amplifier is the
collection of output currents IL and the output voltages VL
that will result in normal operation with risk of destruction
due to overcurrent or overheating.
In a normal application only the output amplifier of the
line driver must be considered; the load on the small−signal
amplifier is usually negligible.
The output amplifier SOA depends on the thermal
resistance from junction to ambient RqJA, which in turn
strongly depends on board design. RqJA = 50 K/W in free air
is a typical value, which may be used even if the host printed
circuit board (PCB) is mounted in a small closed box,
provided the transmission of frames are infrequent and
widely spread in time.
This typical value is also used in the generation of the
curves plotted in Figures 14 and 15.
Figure 14 shows the SOA in function of output current IL
and output voltage VL with the ambient temperature as
independent parameter. The maximum allowed current is
800 mA RMS. For that reason it is recommended to limit the
output current by using RLIM = 5 k
W. This current limitation
is plotted as a horizontal line. The maximal output voltage
is limited by VCC,max, VOH and VOL. This results in the
straight line on the right hand side of the VL–IL plot. The area
below and left from these limitations is considered as safe.
The relation between output voltage and current is the
impedance as seen at the output of the power operational
amplifier. Constant impedance lines are represented by
canted lines.
Figure 14. Example SOA in VL–IL Space (bottom
left corner is safe) with Rthj−a = 50 K/W
Although
voltage−versus−current
is
the
normal
representation of safe operating area, a PLC line driver can
only control one of these variables: voltage and current are
linked through the mains impedance. Figure 15 displays
exactly the same information as Figure 14 but might be
easier to work with. Constant current values are now
represented as canted lines.
Figure 15. Example SOA in ZL–VL Space (bottom
right corner is safe)
Again, the safe operating area depends on PCB layout.
Thus, the designer must verify the performance of her
particular design [1].
Digital Power Supply GND−Reference and Translators
In many mixed signal applications analog GND and
digital GND are not at the same potential. To minimize GND
loop issues, the NCS5651 has a separate GND pin (pin 20)
which should be used to reference the digital supply and the
warning flags (pins 16, 17, and 18). In most applications this
would be the same GND reference used for the PLC modem.
Please note that at some point in the application digital GND
and analog GND must be tied together.
REFERENCES
In this document references are made to:
1. ON Semiconductor, Design Manual NCN49597/9,
December 2014. The latest version is available
from your sales representative.
2. ON Semiconductor. AND8402/D Thermal
Considerations for the NCS5651 (application
note). 2014−08−01. Online at
http://www.onsemi.com/pub/Collateral/AND8402
−D.PDF
3. ON Semiconductor. AND9165/D. Getting started
with power line communication (application note).
2014−11−01. Online at
http://www.onsemi.com/pub_link/Collateral/AND
9165−D.PDF


Similar Part No. - NCS5651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS5651 ONSEMI-NCS5651 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651MNTXG ONSEMI-NCS5651MNTXG Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
NCS5651 ONSEMI-NCS5651_17 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
More results

Similar Description - NCS5651

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS5650 ONSEMI-NCS5650 Datasheet
168Kb / 9P
   2 Amp PLC Line Driver
May, 2010 ??Rev. 0
NCS5651 ONSEMI-NCS5651_17 Datasheet
220Kb / 11P
   2 Amp PLC Line Driver
June, 2017 ??Rev. 0
logo
Intersil Corporation
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL15100 INTERSIL-ISL15100 Datasheet
313Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
logo
Renesas Technology Corp
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Intersil Corporation
ISL1572 INTERSIL-ISL1572 Datasheet
37Kb / 2P
   Power Line Communication PLC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com