Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV890203 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV890203
Description  Automotive Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890203 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV890203 Datasheet HTML 1Page - ON Semiconductor NCV890203 Datasheet HTML 2Page - ON Semiconductor NCV890203 Datasheet HTML 3Page - ON Semiconductor NCV890203 Datasheet HTML 4Page - ON Semiconductor NCV890203 Datasheet HTML 5Page - ON Semiconductor NCV890203 Datasheet HTML 6Page - ON Semiconductor NCV890203 Datasheet HTML 7Page - ON Semiconductor NCV890203 Datasheet HTML 8Page - ON Semiconductor NCV890203 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCV890203
www.onsemi.com
4
Figure 3. Pin Connections
1
VIN
10
SW
2
DRV
3
RSTB
4
GND
9
BST
8
DELAY
7
FB
(Top View)
5
EN
6
COMP
PIN FUNCTION DESCRIPTIONS
Pin No.
Symbol
Description
1
VIN
Input voltage from battery. Place an input filter capacitor in close proximity to this pin.
2
DRV
Output voltage to provide a regulated voltage to the Power Switch gate driver.
3
RSTB
RSTB open drain output. Goes high impedence when the output is above 94% of its regulation level,
after the delay set by the DELAY pin times out. Goes low when the output is below 92 % of its
regulation level (sensed on the FB signal)
4
GND
Battery return, and output voltage ground reference.
5
EN
This TTL compatible Enable input allows the direct connection of Battery as the enable signal.
Grounding this input stops switching and reduces quiescent current draw to a minimum.
6
COMP
Error Amplifier output, for tailoring transient response with external compensation components.
7
FB
Feedback input pin to program output voltage, and detect pre−charged or shorted output conditions.
8
DELAY
Delay adjust input. Connecting an external capacitor adjusts the delay for the RSTB function.
9
BST
Bootstrap input provides drive voltage higher than VIN to the N−channel Power Switch for optimum
switch RDS(on) and highest efficiency.
10
SW
Switching node of the Regulator. Connect the output inductor and cathode of the freewheeling diode
to this pin.
Exposed
Pad
Connect to Pin 4 (electrical ground) and to a low thermal resistance path to the ambient temperature
environment.


Similar Part No. - NCV890203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890200PDR2G ONSEMI-NCV890200PDR2G Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890201MWTXG ONSEMI-NCV890201MWTXG Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
More results

Similar Description - NCV890203

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890100PDR2G ONSEMI-NCV890100PDR2G Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890101 ONSEMI-NCV890101 Datasheet
182Kb / 15P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 1
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
logo
Taiwan Semiconductor Co...
TS650 TSC-TS650 Datasheet
55Kb / 4P
   Buck Switching Regulator
logo
ON Semiconductor
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890200 ONSEMI-NCV890200 Datasheet
143Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com