Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL3HS644BFCTAG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NL3HS644BFCTAG
Description  4-Data Lane Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL3HS644BFCTAG Datasheet(HTML) 8 Page - ON Semiconductor

  NL3HS644BFCTAG Datasheet HTML 1Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 2Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 3Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 4Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 5Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 6Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 7Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NL3HS644
www.onsemi.com
8
DEVICE ORDERING INFORMATION
Device Order Number
Device Code
Package Type
Tape & Reel Size
NL3HS644FCTAG
3HS644
36−ball WLCSP
(Pb−Free)
3000 / Tape & Reel
NL3HS644BFCTAG
(Backside Coated)
HS644B
36−ball WLCSP
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
PACKAGE DIMENSIONS
WLCSP36 2.34x2.34
CASE 567LR
ISSUE B
SEATING
PLANE
0.10 C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. COPLANARITY APPLIES TO SPHERICAL
CROWNS OF SOLDER BALLS.
2X
DIM
A
MIN
MAX
−−−
MILLIMETERS
A1
D
2.34 BSC
E
b
0.24
0.30
e
0.40 BSC
0.54
E
D
A
B
PIN A1
REFERENCE
e
A
0.05
B
C
0.03 C
0.08 C
36X
b
45
C
B
A
0.10 C
A1
A
C
0.17
0.23
2.34 BSC
0.20
36X
DIMENSIONS: MILLIMETERS
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
0.40
0.40
0.10 C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 3
e
RECOMMENDED
PACKAGE
OUTLINE
12
3
PITCH
D
E
PITCH
A1
F
6
e/2
e/2
A2
DETAIL A
A
BACKSIDE
COATING
DETAIL A
A2
0.00
0.027
OPTIONAL
CONSTRUCTION
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NL3HS644/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NL3HS644BFCTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
More results

Similar Description - NL3HS644BFCTAG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646A ONSEMI-FSA646A Datasheet
487Kb / 9P
   2:1 MIPI D-PHY (4.5Gbps) 4-Data-Lane & C-PHY (3.5Gsps) 3-Data-Lane Switch
April, 2019 ??Rev. 0
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
logo
ON Semiconductor
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
   2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
logo
Integrated Device Techn...
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Renesas Technology Corp
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
   4-Lane 4-Port PCI Express® Switch
June 12, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com