Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOM02A4-AR03G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NOM02A4-AR03G
Description  High-Speed Contact Image Sensor Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOM02A4-AR03G Datasheet(HTML) 8 Page - ON Semiconductor

  NOM02A4-AR03G Datasheet HTML 1Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 2Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 3Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 4Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 5Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 6Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 7Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 8Page - ON Semiconductor NOM02A4-AR03G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NOM02A4−AR03G
http://onsemi.com
8
PACKAGE DIMENSIONS
IMAGE SENSOR MODULE A4
CASE MODAC
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEADING EDGE OF THE APPROACH ANGLE ON THE GLASS IS
LOWER THAN THE TOP OF THE HOUSING.
4. BORE DEPTH IS 6.0 WITH A 0.3 LEAD−IN CHAMFER.
5. PIN HEADER, MODEL NUMBER EBW−PK23−P010L2−3Z, 1X10 PIN,
PITCH 1.25.
6. GLASS IS GLUED ON ALL 4 SIDES.
7. GLASS THICKNESS IS 1.85.
8. USE M2.3 SELF TAPPING SCREWS FOR MOUNTING. TORQUE
SCREWS BETWEEN 1.80 KGF−CM AND 2.00 KGF−CM.
9. DIMENSION D1 DENOTES THE SCAN LENGTH.
10. DIMENSION K DENOTES THE POSITION OF THE FIRST PIXEL.
DIM
A
MIN
MAX
12.60
13.60
MILLIMETERS
A1
5.45
6.45
B
17.70
18.30
B1
18.90
19.50
D1
216.00 REF
E
2.10
2.30
F
112.50 113.50
H
34.80
35.80
J
5.70
6.30
K
5.30
7.30
L
B2
5.50
6.50
C
15.40
15.60
D
231.60 232.60
6.00 REF
A2
13.20
14.20


Similar Part No. - NOM02A4-AR03G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A4-AG01G ONSEMI-NOM02A4-AG01G Datasheet
267Kb / 9P
   200DPI Contact Image Sensor Module
March, 2012 ??Rev. 1
More results

Similar Description - NOM02A4-AR03G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
NOM03A6-AY17G ONSEMI-NOM03A6-AY17G Datasheet
311Kb / 9P
   300DPI High--Speed Contact Image Sensor Module
June, 2010 -- Rev. 0
NOM02A6-AR25G ONSEMI-NOM02A6-AR25G Datasheet
269Kb / 9P
   DPI High-Speed Contact Image Sensor Module
May, 2013 ??Rev. 1
NOM02A6-AR77G ONSEMI-NOM02A6-AR77G Datasheet
283Kb / 11P
   Ultra High-Speed Contact Image Sensor Module
December, 2013 ??Rev. 1
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
NOM04A7-AR11G ONSEMI-NOM04A7-AR11G Datasheet
170Kb / 9P
   400 DPI Ultra High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 0
NOM02A4-AG01G ONSEMI-NOM02A4-AG01G Datasheet
267Kb / 9P
   200DPI Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com