Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOM02A4-MW60G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NOM02A4-MW60G
Description  200DPI Ultra High-Speed Contact Image Sensor Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOM02A4-MW60G Datasheet(HTML) 6 Page - ON Semiconductor

  NOM02A4-MW60G Datasheet HTML 1Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 2Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 3Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 4Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 5Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 6Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 7Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 8Page - ON Semiconductor NOM02A4-MW60G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NOM02A4−MW60G
www.onsemi.com
6
DESCRIPTION OF OPERATION
Functional Description
The NOM02A4−MW60G module consists of 27 contact
image sensors, each with 64 pixel elements, that are
cascaded to provide 1728 photo−detectors with their
associated multiplex switches and four double−buffered
digital shift registers that control its sequential readout. Four
buffer amplifiers amplify the video pixels from the image
sensors and output the four analog video signals of the
module as shown in Figure 2. In operation, the sensors
produce analog image pixel signals (or video signals)
proportional to the exposure on the corresponding picture
elements on the document. Each of the VOUT1, VOUT2
and VOUT3 signals output 448 pixels for each scan line. The
VOUT4 signal outputs 384 valid pixels followed by 64 null
pixels for each scan line. The first bit shifted out from
VOUT1 during each scan represents the first pixel on the
connector end of the module.
A pictorial of the NOM02A4−MW60G cross section view
is shown in Figure 4. Mounted in the module is a one−to−one
graded−index micro lens array that focuses the scanned
document image onto the sensing plane. Illumination is
accomplished by means of an integrated LED light source.
All components are housed in a small plastic housing, which
has a glass cover. The top surface of the glass acts as the focal
point for the object being scanned and protects the imaging
array, micro lens assembly and LED light source from dust.
PCB
Sensors
Rod
Lens
LED Bar
Module Housing
Document Surface
Glass Window
Light Path
Figure 4. Module Cross Section View
Connector Pin Out Description
Connections to the module are via a 3.5 x 16.75mm
12−pin connector (Molex part number 53048−1210) located
at one end of the module as shown in the package drawing
on page 8. The location of pin number 1 is indicated on the
package drawing.
Scanner Applications
A typical use of the NOM02A4−MW60G module in
scanner applications is shown in Figure 6. The document to
be digitized is fed into the scanner where a sensor detects its
presence. The scanner then operates the motor to move the
paper under the contact image sensor module. The module
illuminates the paper with internal LEDs and the image
sensor pixel array detects the amount of reflected light and
simultaneously measures a full line of pixels which are
sampled and transferred to a FIFO for storage and
conversion to a parallel output format. Once the pixel line is
processed, the motor advances the paper and the next scan
line is captured.
Initialization
Document
Detected?
Start Scan
SP=
, CP=
CTR=0
Read 4 Pixels into Memory
Transfer Scan Line Data
Done
CTR++ == 448
no
no
yes
Document
Detected?
CP=
Initialization
Document
Detected?
Start Scan
SP=
, CP=
CTR=0
Read 4 Pixels into Memory
Transfer Scan Line Data
Done
CTR++ == 448
no
no
yes
Document
Detected?
CP=
Figure 5. Typical Scanner Algorithm
Figure 5 outlines the basic steps in the scanner control
sequence. First the circuits are initialized and the scanner
waits for a document to be detected, usually by a paper
sensing switch. Then a start pulse and clock pulse are
supplied to capture a line image. At the next clock pulse the
first pixel value appears on the output. The pixel can be
stored in a local line buffer memory. Subsequent clocks
cause the remaining pixels to be shifted out and stored in the
line buffer. Once the complete line has been shifted out it can
be transferred to the host application and the system
advances the paper and the line scan process repeats until the
paper sensing switch indicates the document has passed
completely through the scanner.
Device Marking and Barcode Description
Each module is marked with a tag that contains the part
number, a number combining the manufacturing date code
and serial number and a barcode. The barcode presents the
date code and serial number in Interleave 2 of 5 barcode
format as follows
YYMMSSSSSS
where
YY is the year,
MM is the month, and
SSSSSS is the serial number.
Glass Lens Care
Precautions should be taken to avoid scratching or
touching the glass lens. The glass lens may be cleaned with
alcohol.


Similar Part No. - NOM02A4-MW60G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
More results

Similar Description - NOM02A4-MW60G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
NOM02A4-AG01G ONSEMI-NOM02A4-AG01G Datasheet
267Kb / 9P
   200DPI Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM02A6-AR77G ONSEMI-NOM02A6-AR77G Datasheet
283Kb / 11P
   Ultra High-Speed Contact Image Sensor Module
December, 2013 ??Rev. 1
NOM02B4-DR11G ONSEMI-NOM02B4-DR11G Datasheet
280Kb / 9P
   200DPI Contact Image Sensor Module with Binary Output
June, 2012 ??Rev. 1
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
NOM04A7-AR11G ONSEMI-NOM04A7-AR11G Datasheet
170Kb / 9P
   400 DPI Ultra High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 0
NOM03A6-AY17G ONSEMI-NOM03A6-AY17G Datasheet
311Kb / 9P
   300DPI High--Speed Contact Image Sensor Module
June, 2010 -- Rev. 0
NOM02A6-AR25G ONSEMI-NOM02A6-AR25G Datasheet
269Kb / 9P
   DPI High-Speed Contact Image Sensor Module
May, 2013 ??Rev. 1
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com