Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25L512 Datasheet(PDF) 1 Page - AMIC Technology

Part # A25L512
Description  2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L512 Datasheet(HTML) 1 Page - AMIC Technology

  A25L512_15 Datasheet HTML 1Page - AMIC Technology A25L512_15 Datasheet HTML 2Page - AMIC Technology A25L512_15 Datasheet HTML 3Page - AMIC Technology A25L512_15 Datasheet HTML 4Page - AMIC Technology A25L512_15 Datasheet HTML 5Page - AMIC Technology A25L512_15 Datasheet HTML 6Page - AMIC Technology A25L512_15 Datasheet HTML 7Page - AMIC Technology A25L512_15 Datasheet HTML 8Page - AMIC Technology A25L512_15 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
A25L020/A25L010/A25L512 Series
2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
With 100MHz Uniform 4KB Sectors
(January, 2009, Version 1.2)
AMIC Technology Corp.
Document Title
2Mbit /1Mbit /512Kbit, Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB
Sectors
Revision History
Rev. No.
History
Issue Date
Remark
1.0
Initial issue
February 27, 2008
Final
1.1
Add 8-pin TSSOP package type
September 2, 2008
1.2
Add the spec. of ICC3 for 33MHz
January 9, 2009
Modify the ICC1 and ICC2 to 25
μA
Modify the ICC7 to 25mA
Modify the tPP to 3ms
Modify the tSE to 0.2s


Similar Part No. - A25L512_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L512-F AMICC-A25L512-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L512-M AMICC-A25L512-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L512-MF AMICC-A25L512-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L512-MU AMICC-A25L512-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L512-MUF AMICC-A25L512-MUF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L512_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L010 AMICC-A25L010_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25P512 AMICC-A25P512 Datasheet
673Kb / 47P
   512Kbit Low Voltage, Serial Flash Memory
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
A25L512A AMICC-A25L512A Datasheet
661Kb / 46P
   512Kbit Low Voltage, Serial Flash Memory
A25LS512A AMICC-A25LS512A Datasheet
630Kb / 43P
   512Kbit Low Voltage, Serial Flash Memory
A25P010 AMICC-A25P010 Datasheet
638Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
A25L010A AMICC-A25L010A Datasheet
637Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
logo
Sharp Corporation
LH28F016SUHT SHARP-LH28F016SUHT Datasheet
1Mb / 41P
   16Mbit(1Mbit x 16, 2Mbit x 8) 5V Single Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com