Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A25LQ32A Datasheet(PDF) 2 Page - AMIC Technology

Part # A25LQ32A
Description  32Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25LQ32A Datasheet(HTML) 2 Page - AMIC Technology

  A25LQ32A Datasheet HTML 1Page - AMIC Technology A25LQ32A Datasheet HTML 2Page - AMIC Technology A25LQ32A Datasheet HTML 3Page - AMIC Technology A25LQ32A Datasheet HTML 4Page - AMIC Technology A25LQ32A Datasheet HTML 5Page - AMIC Technology A25LQ32A Datasheet HTML 6Page - AMIC Technology A25LQ32A Datasheet HTML 7Page - AMIC Technology A25LQ32A Datasheet HTML 8Page - AMIC Technology A25LQ32A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
A25LQ32A Series
32Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
with 100MHz Uniform 4KB Sectors
(March, 2012, Version 1.4)
1
AMIC Technology Corp.
A25LQ32A
V
CC
C
DO (IO1)
DI (IO0)
S
W (IO2)
HOLD (IO3)
V
SS
1
8
2
7
3
6
4
5
A25LQ32A
1
2
3
4
8
7
6
5
DO (IO1)
S
W (IO2)
V
SS
V
CC
C
DI (IO0)
HOLD (IO3)
A25LQ32A
V
CC
C
DO (IO1)
DI (IO0)
S
W (IO2)
HOLD (IO3)
V
SS
1
8
2
7
3
6
4
5
FEATURES
Family of Serial Flash Memories
- A25LQ32A: 32M-bit /4M-byte
Flexible Sector Architecture with 4KB sectors
- Sector Erase (4K-bytes) in 80ms (typical)
- Block Erase (64K-bytes) in 0.5s (typical)
- Program/Erase Suspend & Resume
Page Program (up to 256 Bytes) in 1.5ms (typical)
2.7 to 3.6V Single Supply Voltage
Dual input / output instructions resulting in an equivalent
clock frequency of 200MHz:
- FAST_READ_DUAL_OUTPUT Instruction
- FAST_READ_DUAL_INPUT_OUTPUT Instruction
- Dual Input Fast Program (DIFP) Instruction
Quad input / output instructions resulting in an equivalent
clock frequency of 400MHz:
- FAST_READ_QUAD_ OUTPUT Instruction
- FAST_READ_QUAD_INPUT_OUTPUT Instruction
- Quad Input Fast Program (QIFP) Instruction
SPI Bus Compatible Serial Interface
100MHz Clock Rate (maximum)
Deep Power-down Mode 15µA (Max.)
Advanced Protection Features
- Software and Hardware Write-Protect
- Top/Bottom, 4KB Complement Array Protection
Additional 64-byte user-lockable, one-time programmable
(OTP) area
32Mbit Flash memory
- Uniform 4-Kbyte Sectors
- Uniform 64-Kbyte Blocks
Electronic Signatures
- JEDEC Standard Two-Byte Signature
A25LQ32A: (4016h)
- RES
Instruction, One-Byte, Signature, for backward
compatibility
A25LQ32A: (15h)
Package options
- 8-pin DIP (300mil), 8-pin SOP (209mil) and 8-pin WSON
(6*5mm)
- All Pb-free (Lead-free) products are RoHS compliant
GENERAL DESCRIPTION
The A25LQ32A is 32M bit Serial Flash Memory, with advanced
write protection mechanisms, accessed by a high speed
SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 64 blocks, each containing 16
sectors. Each sector is composed of 16 pages. Each page is
256 bytes wide. Thus, the whole memory can be viewed as
consisting of 16,384 pages, or 4,194,304 bytes.
The whole memory can be erased using the Chip Erase
instruction, a block at a time, using Block Erase instruction, or a
sector at a time, using the Sector Erase instruction.
Pin Configurations
DIP8 Connections
SOP8 Connections
WSON8 Connections


Similar Part No. - A25LQ32A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25LQ080 AMICC-A25LQ080 Datasheet
922Kb / 58P
   8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ16 AMICC-A25LQ16 Datasheet
1Mb / 60P
   16Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ64 AMICC-A25LQ64 Datasheet
969Kb / 70P
   64M-BIT (x1 / x2 / x4) 3.3V CMOS MXSMIO
More results

Similar Description - A25LQ32A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25LQ16 AMICC-A25LQ16 Datasheet
1Mb / 60P
   16Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25LQ080 AMICC-A25LQ080 Datasheet
922Kb / 58P
   8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
A25L032 AMICC-A25L032_15 Datasheet
768Kb / 48P
   32Mbit Low Voltage, Dual-I/O Serial Flash Memory
logo
Integrated Silicon Solu...
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
   3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
   3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
logo
Micron Technology
N25Q064A13E1240F MICRON-N25Q064A13E1240F Datasheet
1Mb / 81P
   64Mb, 3V, Multiple I/O Serial Flash Memory
N25Q064A13ESE40G MICRON-N25Q064A13ESE40G Datasheet
1Mb / 81P
   64Mb, 3V, Multiple I/O Serial Flash Memory
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com