Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A29L800B Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L800B
Description  Boot Sector Flash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L800B Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L800B Datasheet HTML 2Page - AMIC Technology A29L800B Datasheet HTML 3Page - AMIC Technology A29L800B Datasheet HTML 4Page - AMIC Technology A29L800B Datasheet HTML 5Page - AMIC Technology A29L800B Datasheet HTML 6Page - AMIC Technology A29L800B Datasheet HTML 7Page - AMIC Technology A29L800B Datasheet HTML 8Page - AMIC Technology A29L800B Datasheet HTML 9Page - AMIC Technology A29L800B Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
A29L800B Series
(August, 2014, Version 1.2)
5
AMIC Technology, Corp.
Absolute Maximum Ratings*
Storage Temperature Plastic Packages……… -65
°C to +150°C
Ambient Temperature with Power Applied…... -55
°C to +125°C
Voltage with Respect to Ground VCC (Note 1) ………………….
………………………………………………………. -0.5V to +4.0V
A9,
OE & RESET (Note 2)…………………….. -0.5 to +11.5V
All other pins (Note 1)……………………… -0.5V to VCC + 0.5V
Output Short Circuit Current (Note 3)……………………. 200mA
Notes:
1. Minimum DC voltage on input or I/O pins is -0.5V. During
voltage transitions, input or I/O pins may undershoot VSS to
-2.0V for periods of up to 20ns. Maximum DC voltage on
input and I/O pins is VCC + 0.5V. During voltage transitions,
input or I/O pins may overshoot to VCC + 2.0V for periods
up to 20ns.
2. Minimum DC input voltage on A9,
OE and RESET is
-0.5V. During voltage transitions, A9,
OE and RESET may
overshoot VSS to -2.0V for periods of up to 20ns. Maximum
DC input voltage on A9 is +11.5V which may overshoot to
12.5V for periods up to 20ns.
3. No more than one output is shorted at a time. Duration of
the short circuit should not be greater than one second.
*Comments
Stresses
above
those
listed
under
"Absolute
Maximum
Ratings" may cause permanent damage to this device. These
are
stress
ratings
only.
Functional
operation
of
this
device
at
these
or
any
other
conditions
above
those
indicated
in
the
operational
sections
of
these
specification
is
not
implied
or
intended.
Exposure
to
the absolute maximum rating conditions for extended periods
may affect device reliability.
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA) ……………………… 0
°C to +70°C
Extended Range Devices
Ambient Temperature (TA)……………………. -40
°C to +85°C
VCC Supply Voltages
VCC for all devices……………………………. +2.7V to +3.6V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
Device Bus Operations
This section describes the requirements and use of the device
bus operations, which are initiated through the internal
command register. The command register itself does not
occupy any addressable memory location. The register is
composed of latches that store the commands, along with the
address and data information needed to execute the
command. The contents of the register serve as inputs to the
internal state machine. The state machine outputs dictate the
function of the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe each of
these operations in further detail.
Table 1. A29L800B Device Bus Operations
I/O8 - I/O15
Operation
CE
OE
WE
RESET
A0 – A18
(Note 1)
I/O0 - I/O7
BYTE =VIH
BYTE =VIL
Read
L
L
H
H
AIN
DOUT
DOUT
I/O8~I/O14=High-Z
I/O15=A-1
Write
L
H
L
H
AIN
DIN
DIN
I/O8~I/O14=High-Z
I/O15=A-1
CMOS Standby
VCC
± 0.3V
X
X
VCC
± 0.3V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect
(See Note 2)
L
H
L
VID
Sector Address,
A6=L, A1=H, A0=L
DIN
X
X
Sector Unprotect
(See Note 2)
L
H
L
VID
Sector Address,
A6=H, A1=H, A0=L
DIN
X
X
Temporary Sector
Unprotect
X
X
X
VID
AIN
DIN
DIN
X
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10.5
± 1.0V, X = Don't Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Notes:
1. Addresses are A18:A0 in word mode (
BYTE=VIH), A18: A-1 in byte mode (BYTE=VIL).
2. See the “Sector Protection/Unprotection” section and Temporary Sector Unprotect for more information.


Similar Part No. - A29L800B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70 AMICC-A29L800ATG-70 Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70F AMICC-A29L800ATG-70F Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800ATG-70U AMICC-A29L800ATG-70U Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L800B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com