Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANS1N5810 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANS1N5810
Description  ULTRA FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANS1N5810 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANS1N5810 Datasheet HTML 1Page - Microsemi Corporation JANS1N5810 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MSC1345.PDF 02-23-99
1N5807
1N5809
1N5811
JANHCE and JANKCE
JANHCF and JANKCF
GROUP A ELECTRICALS
GROUP A ELECTRICALS
DRAWING NUMBER: MIL-S-19500/477 NUMBER:JANHCE1N5807/5809/5811 D00G1N5807/5809/5811KC
TEST #
SYMBOL
TEST CONDITIONS
MINIMUM
MAXIMUM
UNIT
1
SUBGROUP A2
2
3
VFM1
IFM = 4.0 A
.875
V
4
VFM2
IFM = 6.0 A
.925
V
5
IR1
VR = 50 V (5807)
VR = 100 V (5809)
VR = 150 V (5811)
5.0
µµA
6
V(BR)1
I(BR) = 100 µµA
1N5807
1N5809
1N5811
60
110
160
V
V
V
7
8
SUBGROUP A3
9
IR2
VR = 50 V (5807)
VR = 100 V (5809)
TA = + 100°°C
VR = 150 V (5811)
150
µµA
10
VFM3
IFM = 4.0 A
TA = + 100°°C
0.800
V
11
VFM4
IFM = 4.0 A
TA = - 65°°C
1.075
V
12
V(BR)2
I(BR) = 100 µµA
TA = - 65°°C
1N5807
1N5809
1N5811
50
100
150
V
V
V
13
14
SUBGROUP 4
15
trr
IF = IR = 1.0 A IRM(REC) = 0.1 A
dl/dt = 100 A\us (min)
30
nS
16
CJ
VR = 10 V,
f = 1 Mhz
Vsig = 50 mV (P-P) (MAX)
60
pF
17
VFRM
tr = 8 nS
IFM = 500 mA
2.2
V
18
tfr
tp ≥≥ 20 nS
tr 8 nS
VFR = 1.1 x VF IFM = 500 mA(pk)
15
nS


Similar Part No. - JANS1N5810

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N5811US MICROSEMI-JANS1N5811US Datasheet
131Kb / 7P
   VOIDLESS - HERMETICALLY- SEALED ULTRAFAST RECOVERY GLASS RECTIFIERS
More results

Similar Description - JANS1N5810

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com