Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L1616B Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L1616B
Description  1M X 16 Bit X 2 Banks Synchronous DRAM
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L1616B Datasheet(HTML) 2 Page - AMIC Technology

  A43L1616B Datasheet HTML 1Page - AMIC Technology A43L1616B Datasheet HTML 2Page - AMIC Technology A43L1616B Datasheet HTML 3Page - AMIC Technology A43L1616B Datasheet HTML 4Page - AMIC Technology A43L1616B Datasheet HTML 5Page - AMIC Technology A43L1616B Datasheet HTML 6Page - AMIC Technology A43L1616B Datasheet HTML 7Page - AMIC Technology A43L1616B Datasheet HTML 8Page - AMIC Technology A43L1616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
A43L1616
Preliminary
1M X 16 Bit X 2 Banks Synchronous DRAM
PRELIMINARY
(February, 2008, Version 0.3)
1
AMIC Technology, Corp.
Features
Power supply
- VDD: 3.3V
VDDQ : 3.3V
LVTTL compatible with multiplexed address
Two banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2 & 3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
Clock Frequency (max) : 167MHz @ CL=3 (-6)
143MHz @ CL=3 (-7)
All inputs are sampled at the positive going edge of the
system clock
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
Industrial operating temperature range: -40ºC to +85ºC
for -U series.
Available in 54 Balls CSP (8mm X 8mm) and 54-pin
TSOP(II) packages
Package is available to lead free (-F series)
All Pb-free (Lead-free) products are RoHS compliant
General Description
The A43L1616 is 33,554,432 bits synchronous high data
rate Dynamic RAM organized as 2 X 1,048,576 words by
16 bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle
control with the use of system clock. I/O transactions are
possible on every clock cycle. Range of operating
frequencies, programmable latencies allows the same
device to be useful for a variety of high bandwidth, high
performance memory system applications.
Pin Configuration
54 Balls CSP (8 mm x 8 mm)
Top View
54 Ball (6X9) CSP
1
2
3
7
8
9
A
VSS
DQ15
VSSQ
VDDQ
DQ0
VDD
B
DQ14
DQ13
VDDQ
VSSQ
DQ2
DQ1
C
DQ12
DQ11
VSSQ
VDDQ
DQ4
DQ3
D
DQ10
DQ9
VDDQ
VSSQ
DQ6
DQ5
E
DQ8
NC
VSS
VDD
LDQM
DQ7
F
UDQM
CLK
CKE
CAS
RAS
WE
G
NC
NC
A9
BA
NC
CS
H
A8
A7
A6
A0
A1
A10
J
VSS
A5
A4
A3
A2
VDD


Similar Part No. - A43L1616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L1616G-75I AMICC-A43L1616G-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L1616G-95I AMICC-A43L1616G-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L1616V AMICC-A43L1616V Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
A43L1616V-6F AMICC-A43L1616V-6F Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
More results

Similar Description - A43L1616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L1616 AMICC-A43L1616 Datasheet
1Mb / 44P
   1M X 16 Bit X 2 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
AMIC Technology
A43L2616B AMICC-A43L2616B Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com