Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L2616B Datasheet(PDF) 2 Page - AMIC Technology

Part # A43L2616B
Description  1M X 16 Bit X 4 Banks Synchronous DRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L2616B Datasheet(HTML) 2 Page - AMIC Technology

  A43L2616B Datasheet HTML 1Page - AMIC Technology A43L2616B Datasheet HTML 2Page - AMIC Technology A43L2616B Datasheet HTML 3Page - AMIC Technology A43L2616B Datasheet HTML 4Page - AMIC Technology A43L2616B Datasheet HTML 5Page - AMIC Technology A43L2616B Datasheet HTML 6Page - AMIC Technology A43L2616B Datasheet HTML 7Page - AMIC Technology A43L2616B Datasheet HTML 8Page - AMIC Technology A43L2616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
A43L2616B
1M X 16 Bit X 4 Banks Synchronous DRAM
(January, 2014, Version 1.4)
1
AMIC Technology, Corp.
Feature
JEDEC standard 3.3V power supply
LVTTL compatible with multiplexed address
Four banks / Pulse
RAS
MRS cycle with address key programs
- CAS Latency (2,3)
- Burst Length (1,2,4,8 & full page)
- Burst Type (Sequential & Interleave)
All inputs are sampled at the positive going edge of the
system clock
Clock Frequency: 166MHz @ CL=3
143MHz @ CL=3
Burst Read Single-bit Write operation
DQM for masking
Auto & self refresh
64ms refresh period (4K cycle)
Commercial Temperature Operation : 0°C~70°C
Industrial Temperature Operation : -40°C~85°C for –U
grade
Available in 54-pin TSOP(II) package
Package is available to lead free (-F series)
All Pb-free (Lead-free) products are RoHS compliant
General Description
The A43L2616B is 67,108,864 bits synchronous high data
rate Dynamic RAM organized as 4 X 1,048,576 words by
16 bits, fabricated with AMIC’s high performance CMOS
technology. Synchronous design allows precise cycle
control with the use of system clock.
I/O transactions are possible on every clock cycle. Range
of operating frequencies, programmable latencies allows
the same device to be useful for a variety of high
bandwidth,
high
performance
memory
system
applications.
Pin Configuration
TSOP (II)
A43L2616BV
54 53 52 51 50 49 48 47 46 45
43
44
42 41 40 39 38 37 36 35 34 33 32 31 30
123
4
5678
9 10
12
11
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27
28
29


Similar Part No. - A43L2616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L2616BV-7F AMICC-A43L2616BV-7F Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results

Similar Description - A43L2616B

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A_0712 ESMT-M12L64164A_0712 Datasheet
826Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M52S64164A ESMT-M52S64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com