Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A63L0618 Datasheet(PDF) 5 Page - AMIC Technology

Part # A63L0618
Description  1M X 18 Bit Synchronous High Speed SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L0618 Datasheet(HTML) 5 Page - AMIC Technology

  A63L0618 Datasheet HTML 1Page - AMIC Technology A63L0618 Datasheet HTML 2Page - AMIC Technology A63L0618 Datasheet HTML 3Page - AMIC Technology A63L0618 Datasheet HTML 4Page - AMIC Technology A63L0618 Datasheet HTML 5Page - AMIC Technology A63L0618 Datasheet HTML 6Page - AMIC Technology A63L0618 Datasheet HTML 7Page - AMIC Technology A63L0618 Datasheet HTML 8Page - AMIC Technology A63L0618 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
A63L0618 Series
PRELIMINARY
(April, 2007, Version 0.0)
4
AMIC Technology, Corp.
Pin Description
Pin No.
Symbol
Description
32-37, 42-50, 80, 81, 82,
99, 100
A0 - A19
Address Inputs
89
CLK
Clock
87, 93-94
BWE , BW1 -BW2
Byte Write Enables
88
GW
Global Write
86
OE
Output Enable
92, 97, 98
CE2 ,CE2, CE
Chip Enables
83
ADV
Burst Address Advance
84
ADSP
Processor Address Status
85
ADSC
Controller Address Status
31
MODE
Burst Mode: HIGH or NC (Interleaved burst)
LOW (Linear burst)
64
ZZ
Asynchronous Power-Down (Snooze): HIGH (Sleep)
LOW or NC (Wake up)
8-9, 12-13, 18-19, 22-24,
58-59, 62-63, 68-69,
72-74
I/O1- I/O18
Data Inputs/Outputs
15, 41, 65, 91
VCC
Power Supply
17, 40, 67, 90
GND
Ground
4, 11, 20, 27,
54, 61, 70, 77
VCCQ
Isolated Output Buffer Supply
5, 10, 21, 26,
55, 60, 71, 76
GNDQ
Isolated Output Buffer Ground


Similar Part No. - A63L0618

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-6.5 AMICC-A63L06361E-6.5 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-6.5F AMICC-A63L06361E-6.5F Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-7.5 AMICC-A63L06361E-7.5 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L0618

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L06361 AMICC-A63L06361_15 Datasheet
207Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
LY61L10248A LYONTEK-LY61L10248A_16 Datasheet
790Kb / 14P
   1M X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS7C251MPFS18A ALSC-AS7C251MPFS18A Datasheet
509Kb / 19P
   2.5V 1M x 18 pipelined burst synchronous SRAM
AS7C331FT18A ALSC-AS7C331FT18A Datasheet
512Kb / 19P
   3.3V 1M x 18 Flow-through synchronous SRAM
AS7C331MPFS18A ALSC-AS7C331MPFS18A Datasheet
509Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C251MFT18A ALSC-AS7C251MFT18A Datasheet
511Kb / 19P
   2.5V 1M x 18 flowthrough burst synchronous SRAM
AS7C331MPFD18A ALSC-AS7C331MPFD18A Datasheet
510Kb / 19P
   3.3V 1M x 18 pipelined burst synchronous SRAM
AS7C251MPFD18A ALSC-AS7C251MPFD18A Datasheet
509Kb / 19P
   2.5V 1M x 18 pipelined burst synchronous SRAM
logo
Hanbit Electronics Co.,...
HMS1M32M8S HANBIT-HMS1M32M8S Datasheet
190Kb / 10P
   High-Speed SRAM MODULE 4Mbyte(1M x 32-Bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com