Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1300960063 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300960063
Description  Safeway Wire Mesh Grip, Straight Male, Cable Diameter 20.83-25.40mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300960063 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300960063 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300960063
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
Safeway® Wire Mesh Grip, Straight Male, Cable Diameter 20.83-25.40mm
(.820-1.000"), Eye Dimension 1 11/16"
Documents:
Drawing (PDF)
Product Literature (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130096
Eye Type
N/A
O-Ring
N/A
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
Safeway®
Type
Strain Relief Grip
UPC
78678836554
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
20.83-25.40mm (.820-1.000")
Color - Grommet
N/A
Gender
Male
Material - Body
N/A
Material - Grip
Galvanized Steel
Mesh Length
N/A
Number of Holes
N/A
Thread Size
N/A
Material Info
Old Part Number
36554
Reference - Drawing Numbers
Sales Drawing
SD-130096-106
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130096 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300960063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300960063 MOLEX-1300960063 Datasheet
142Kb / 1P
   STRAIN RELIEF WIRING DEVICE I-GRIP GALVANIZED STEEL MESH
2015/06/12
More results

Similar Description - 1300960063

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130096-0063 MOLEX11-130096-0063 Datasheet
36Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 20.83-25.40mm
130096-0059 MOLEX11-130096-0059 Datasheet
36Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 7.62-10.92mm
1300960059 MOLEX11-1300960059 Datasheet
29Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 7.62-10.92mm
1300960062 MOLEX11-1300960062 Datasheet
29Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 17.78-21.59mm
130096-0064 MOLEX11-130096-0064 Datasheet
36Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 23.88-31.75mm
1300960061 MOLEX11-1300960061 Datasheet
29Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 13.21-18.54mm
130096-0060 MOLEX11-130096-0060 Datasheet
36Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 10.16-14.22mm
1300960064 MOLEX11-1300960064 Datasheet
29Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 23.88-31.75mm
1300960060 MOLEX11-1300960060 Datasheet
29Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 10.16-14.22mm
130096-0061 MOLEX11-130096-0061 Datasheet
36Kb / 1P
   Safeway Wire Mesh Grip, Straight Male, Cable Diameter 13.21-18.54mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com