Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM21BR60J226ME39 Datasheet(PDF) 10 Page - ON Semiconductor

Part # GRM21BR60J226ME39
Description  3 MHz, 2 A Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GRM21BR60J226ME39 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button GRM21BR60J226ME39 Datasheet HTML 6Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 7Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 8Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 9Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 10Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 11Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 12Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 13Page - ON Semiconductor GRM21BR60J226ME39 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCP6323, NCV6323
www.onsemi.com
10
Cycle−by−Cycle Current Limitation
The NCP/NCV6323 protects the device from over current
with a fixed−value cycle−by−cycle current limitation. The
typical peak current limit ILMT is 2.8 A. If inductor current
exceeds the current limit threshold, the P−MOSFET will be
turned off cycle−by−cycle. The maximum output current
can be calculated by
I
MAX + ILMT *
V
OUT @ VIN * VOUT
2
@ V
IN @ f
SW @ L
(eq. 1)
where VIN is input supply voltage, VOUT is output voltage,
L is inductance of the filter inductor, and fSW is 3 MHz
normal switching frequency.
Negative Current Protection
The NCP/NCV6323 includes a 1 A negative current
protection. It helps to protect the internal NMOS in case of
applications which require high output capacitor value.
Thermal Shutdown
The NCP/NCV6323 has a thermal shutdown protection to
protect the device from overheating when the die
temperature exceeds 170
°C. After the thermal protection is
triggered, the fault state can be ended by re−applying VIN
and/or EN when the temperature drops down below 125
°C.


Similar Part No. - GRM21BR60J226ME39

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
GRM21BR60J226ME39 SKYWORKS-GRM21BR60J226ME39 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Advanced Analogic Techn...
GRM21BR60J226ME39 ANALOGICTECH-GRM21BR60J226ME39 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Murata Manufacturing Co...
GRM21BR60J226ME39 MURATA-GRM21BR60J226ME39 Datasheet
810Kb / 29P
   Chip Monolithic Ceramic Capacitor for General
logo
Texas Instruments
GRM21BR60J226ME39L TI1-GRM21BR60J226ME39L Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V/5-V Input, D-CAPMode Synchronous Step-Down Integrated FETs Converter
logo
Murata Manufacturing Co...
GRM21BR60J226ME39L MURATA-GRM21BR60J226ME39L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
More results

Similar Description - GRM21BR60J226ME39

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com