Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R60J106ME47 Datasheet(PDF) 5 Page - ON Semiconductor

Part # GRM188R60J106ME47
Description  3 MHz, 2 A Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

GRM188R60J106ME47 Datasheet(HTML) 5 Page - ON Semiconductor

  GRM188R60J106ME47 Datasheet HTML 1Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 2Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 3Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 4Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 5Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 6Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 7Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 8Page - ON Semiconductor GRM188R60J106ME47 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NCP6323, NCV6323
www.onsemi.com
5
ELECTRICAL CHARACTERISTICS (VIN = 3.6 V, VOUT = 1.8 V, L = 1 mH, C = 10 mF, typical values are referenced to TJ = 25°C, Min
and Max values are referenced to TJ up to 125°C, unless other noted.)
Symbol
Unit
Max
Typ
Min
Test Conditions
Characteristics
SOFT START
TSS
Soft−Start Time
NCV6323
Time from EN to 90% of
output voltage target
0
0.4
1
ms
Soft−Start Time
NCP6323D
0
0.54
1
Soft−Start Time
NCP6323D
Time from 10% to 90% of
output voltage target
0.16
0.24
0.3
CONTROL LOGIC
VEN_H
EN Input High Voltage
1.1
V
VEN_L
EN Input Low Voltage
0.4
V
VEN_HYS
EN Input Hysteresis
270
mV
IEN_BIAS
EN Input Bias Current
0.1
1
mA
OUTPUT ACTIVE DISCHARGE
R_DIS
Internal Output Discharge Resistance
from SW to PGND
75
500
700
W
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
170
°C
TSD_HYS
Thermal Shutdown Hysteresis
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - GRM188R60J106ME47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GRM188R60J106ME47 STMICROELECTRONICS-GRM188R60J106ME47 Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
logo
Murata Manufacturing Co...
GRM188R60J106ME47 MURATA-GRM188R60J106ME47 Datasheet
778Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
logo
NXP Semiconductors
GRM188R60J106ME47 NXP-GRM188R60J106ME47 Datasheet
678Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
GRM188R60J106ME47 NXP-GRM188R60J106ME47 Datasheet
901Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 9/2014
logo
Texas Instruments
GRM188R60J106ME47 TI1-GRM188R60J106ME47 Datasheet
1Mb / 31P
[Old version datasheet]   TPS63900 1.8-V to 5.5-V, 400-mA, 200-nA Quiescent Current Buck-Boost Converter
More results

Similar Description - GRM188R60J106ME47

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com