Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C2012X7R1A106K125AC Datasheet(PDF) 9 Page - ON Semiconductor

Part # C2012X7R1A106K125AC
Description  3 MHz, 2 A Synchronous Buck Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C2012X7R1A106K125AC Datasheet(HTML) 9 Page - ON Semiconductor

Back Button C2012X7R1A106K125AC Datasheet HTML 5Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 6Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 7Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 8Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 9Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 10Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 11Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 12Page - ON Semiconductor C2012X7R1A106K125AC Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP6323, NCV6323
www.onsemi.com
9
DETAILED DESCRIPTION
General
The NCP/NCV6323 is a synchronous buck converter
which is optimized to supply different sub−systems of
portable applications powered by one cell Li−ion or three
cell Alkaline/NiCd/NiMH batteries. The devices are able to
deliver up to 2 A on an external adjustable voltage.
Operation with 3 MHz switching frequency allows
employing small size inductor and capacitors. Input supply
voltage feedforward control is employed to deal with wide
input voltage range. Synchronous rectification offer
improved system efficiency.
PWM Mode Operation
In medium and heavy load range, the inductor current is
continuous and the device operates in PWM mode with fixed
switching frequency, which has a typical value of 3 MHz. In
this mode, the output voltage is regulated by on−time pulse
width modulation of an internal P−MOSFET. An internal
N−MOSFET operates as synchronous rectifier and its
turn−on signal is complimentary to that of the P−MOSFET.
Undervoltage Lockout
The input voltage VIN must reach or exceed 2.5 V
(typical) before the NCP/NCV6323 enables the converter
output to begin the start up sequence. The UVLO threshold
hysteresis is typically 100 mV.
Enable
The NCP/NCV6323 has an enable logic input pin EN. A
high level (above 1.1 V) on this pin enables the device to
active mode. A low level (below 0.4 V) on this pin disables
the device and makes the device in shutdown mode. There
is an internal filter with 5
ms time constant. The EN pin is
pulled down by an internal 10 nA sink current source. In
most of applications, the EN signal can be programmed
independently to VIN power sequence.
Figure 19. Power Good and Active Discharge Timing Diagram
Power Good Output
The device monitors the output voltage and provides a
power good output signal at the PG pin. This pin is an
open−drain output pin. To indicate the output of the
converter is established, a power good signal is available.
The power good signal is low when EN is high but the output
voltage has not been established. Once the output voltage of
the converter drops out below 90% of its regulation during
operation, the power good signal is pulled low and indicates
a power failure. A 5% hysteresis is required on power good
comparator before signal going high again.
Soft−Start
A soft start limits inrush current when the converter is
enabled. After a minimum 300
ms delay time following the
enable signal, the output voltage starts to ramp up in 100
ms
(NCV6323) / 240
ms (NCP6323) (for external adjustable
voltage devices) or with a typical 10 V/ms slew rate (for
fixed voltage devices).
Active Output Discharge
An output discharge operation is active in when EN is low.
A discharge resistor (500
W typical) is enabled in this
condition to discharge the output capacitor through SW pin.


Similar Part No. - C2012X7R1A106K125AC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC Datasheet
1Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C2012X7R1A106K125AC TDK-C2012X7R1A106K125AC_17 Datasheet
238Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7R1A106K125AC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324_V01 Datasheet
533Kb / 17P
   Buck Converter - Synchronous 3 MHz, 2 A
July, 2020 ??Rev. 8
FAN5354 ONSEMI-FAN5354 Datasheet
1Mb / 16P
   3 MHz, 3 A Synchronous Buck Regulator
Rev. 1.0.7
FAN5353 ONSEMI-FAN5353 Datasheet
1Mb / 15P
   3 MHz, 3 A Synchronous Buck Regulator
December 2013 Rev. 1.0.3
NCP3133A ONSEMI-NCP3133A_16 Datasheet
131Kb / 13P
   3 A Integrated Synchronous Buck Converter
April, 2016 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP6323 ONSEMI-NCP6323_V01 Datasheet
987Kb / 20P
   Buck Converter - Synchronous 3 MHz, 2 A High Efficiency, Low Ripple, Adjustable Output Voltage
July, 2020 ??Rev. 10
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
   1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
   1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
   1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com