Electronic Components Datasheet Search |
|
GRM0332C2A4R1WA01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd. |
|
GRM0332C2A4R1WA01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd. |
1 / 2 page GRM0332C2A4R1WA01# # indicates a package specification code. < List of part numbers with package codes > GRM0332C2A4R1WA01D , GRM0332C2A4R1WA01W , GRM0332C2A4R1WA01J Shape L size 0.6 ±0.03mm W size 0.3 ±0.03mm T size 0.3 ±0.03mm External terminal width e 0.1 to 0.2mm Distance between external terminals g 0.2mm min. Size code in inch(mm) 0201 (0603) Specifications Capacitance 4.1pF ±0.05pF Rated voltage 100Vdc Temperature characteristics (complied standard) CH(JIS) Temperature coefficient 0±60ppm/℃ Temperature range of temperature characteristics 20 to 125℃ Operating temperature range -55 to 125℃ References Packaging Specifications Minimum quantity φ180mm Paper taping 15000 φ330mm Paper taping 50000 φ180mm Paper taping (W8P1*) * Width : 8mm, Pocket pitch : 1mm 30000 Mass (typ.) 1 piece 0.33mg φ180mm Reel 118g 1 of 2 1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. 2.This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. URL : http://www.murata.com/ Last updated: 2015/11/13 |
Similar Part No. - GRM0332C2A4R1WA01 |
|
Similar Description - GRM0332C2A4R1WA01 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |