Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6639 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6639
Description  300 mAmp 75-100 Volts 4 nsec Computer Switching Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6639 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6639 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microsemi Santa Ana
• 2830 S. Fairview Street• Santa Ana, California 92704 • Tel: (714) 979-8220
DATA SHEET #: MSC0133A REVISED: 1/25/96
FEATURES
Available in axial leaded and surface mount configurations
Ultra Fast Reverse Recovery Time
Very low Capacitance
Metallurgically Bonded
Non-cavity glass package
Available as JANTX, JANTXV and JANS per MIL-S-19500/609
Replacement for 1N4150 Types
MAXIMUM RATINGS @ 25°°C
Type
Number
Reverse
Voltage
Working
Peak
Reverse
Voltage
Operating
Current
(see note 1)
Peak
Forward
Surge
Current
(see note 2)
Thermal
Resistance
Junction
to Lead
(L=.375”)
Thermal
Resistance
Junction
to Case
Operating
and Storage
Temperature
Part Numbers
VBR
Volts
VRWM
Volts
IO
mA
IFSM
Amps
RθJL
°°C/W
RθJC
°°C/W
TOP & Tstg
°°C
1N6639
100
75
300
2.5
160
50
-65 to +175
1N6639US
100
75
300
2.5
160
50
-65 to +175
1N6640
75
50
300
2.5
160
50
-65 to +175
1N6640US
75
50
300
2.5
160
50
-65 to +175
1N6641
75
50
300
2.5
160
50
-65 to +175
1N6641US
75
50
300
2.5
160
50
-65 to +175
ELECTRICAL CHARACTERISTICS @ 25°C
Type Number
Maximum Forward Voltage
VF@IF
MaximumD.C. Reverse Current
IR
V@ 200mA
V@ 500mA
VR=75V
TA=25
°C
nA
VR=50V
TA=25
°C
nA
VR=75V
TA=150
°C
µA
VR=50V
TA=150
°C
µA
1N6639
1.2V
100
100
1N6639US
1.2V
100
100
1N6640
1.0V
100
100
1N6640US
1.0V
100
100
1N6641
1.1
100
100
1N6641US
1.1
100
100
Type Number
Reverse
Recovery
Time
(note 3)
Maximum Forward Recovery
Voltage and Time
If=50mA, tr = 1ns
Maximum Junction Capacitance
f=1MHz
Vsig=50mV(p-p)
trr
ns
Vfr
Volts
tfr
ns
VR=0V
pf
VR = 10 V
pf
1N6639
4
5.0
10
2.5
1N6639US
4
5.0
10
2.5
1N6640
4
5.0
10
2.5
1N6640US
4
5.0
10
2.5
1N6641
5
5.0
10
3.0
1N6641US
5
5.0
10
3.0
Note:
(1) At maximum end cap temperature=110
°C for US suffix types. Derate at 4.6mA/°C above end cap
temperature=110
°C. Derate axial types at 3.0mA/°C above ambient temperature temperature=25°C.
(2) Test Pulse = 8.3ms, half sine wave
(3) IF= IR =10mA & I(REC)=1.0mA
1N6639
1N6640
1N6641
300 mAmp
75-100 Volts
4 nsec
Computer
Switching Diode
MECHANICAL
CHARACTERISTICS
CASE STYLE: Axial Leaded
CASE: Voidless Hermetically Sealed Hard Glass
LEAD: Solder dipped Copper Clad Steel
MARKING: Body Painted, Alpha Numeric
POLARITY: Cathode Band
CASE STYLE: Surface Mount-US
END CAP MATERIAL
: Solid Silver
END CAP STYLE: Square
POLARITY: Cathode Dot on End Cap


Similar Part No. - 1N6639

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6639 CDI-DIODE-1N6639 Datasheet
33Kb / 2P
   SWITCHING DIODES
logo
List of Unclassifed Man...
1N6639 ETC1-1N6639 Datasheet
63Kb / 4P
   SIGNAL OR COMPUTER DIODE
logo
Microsemi Corporation
1N6639 MICROSEMI-1N6639 Datasheet
46Kb / 2P
   SWITCHING DIODES
logo
Digitron Semiconductors
1N6639 DIGITRON-1N6639 Datasheet
104Kb / 2P
   SWITCHING RECTIFIERS
logo
List of Unclassifed Man...
1N6639609C ETC1-1N6639609C Datasheet
63Kb / 4P
   SIGNAL OR COMPUTER DIODE
More results

Similar Description - 1N6639

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
   300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
1N4148SM SSDI-1N4148SM Datasheet
56Kb / 2P
   200 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD48SM SSDI-SPD48SM Datasheet
179Kb / 2P
   200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS_1 Datasheet
81Kb / 2P
   60 mAMP 1000-3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SDR9103N SSDI-SDR9103N Datasheet
231Kb / 2P
   100 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9103CTN SSDI-SDR9103CTN Datasheet
171Kb / 2P
   100 AMP, 300 - 500 VOLTS 40 nsec HYPER FAST CENTERTAP RECTIFIER
logo
Micro Commercial Compon...
DZ23C2V4 MCC-DZ23C2V4_09 Datasheet
131Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
DZ23C2V4 MCC-DZ23C2V4 Datasheet
261Kb / 4P
   300 mW Zener Diode 2.4 to 75 Volts
logo
Solid States Devices, I...
SFA10PJE SSDI-SFA10PJE Datasheet
283Kb / 2P
   6 AMP 100-300 VOLTS 40 nsec HYPER FAST POSITIVE CENTERTAP RECTIFIER
logo
List of Unclassifed Man...
SFA30PJE ETC1-SFA30PJE Datasheet
342Kb / 2P
   6 AMP 100-300 VOLTS 40 nsec HYPER FAST POSITIVE CENTERTAP RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com