Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44792 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44792
Description  SMB Plug Connector Crimp - Solder Attachment For RG316-DS, RG188-DS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44792 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44792 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44792 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44792 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SMB Plug Connector Crimp/Solder Attachment For RG316-DS, RG188-DS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMB Plug Connector Crimp/Solder Attachment For RG316-DS, RG188-DS PE44792
URL: http://www.pasternack.com/smb-plug-standard-rg316-ds-rg188-ds-connector-pe44792-p.aspx
SMB Plug Connector Crimp/Solder Attachment
For RG316-DS, RG188-DS
PE44792
PE44792 REV 1.0


Similar Part No. - PE44792

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4479 PASTERNACK-PE4479 Datasheet
272Kb / 3P
   HN Male Connector Clamp/Solder Attachment For RG59, RG62
PE4479 PASTERNACK-PE4479 Datasheet
319Kb / 3P
   HN Male Connector Clamp/Solder Attachment
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
   2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44797 PASTERNACK-PE44797 Datasheet
286Kb / 3P
   2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR047FL, PE-SR047AL, PE-047SR
PE44798 PASTERNACK-PE44798 Datasheet
283Kb / 3P
   2.92mm Female Precision Connector Clamp/Solder Attachment For PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE44792

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE45158 PASTERNACK-PE45158 Datasheet
386Kb / 3P
   SMB Jack Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44818 PASTERNACK-PE44818 Datasheet
289Kb / 3P
   SMB Plug Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE45369 PASTERNACK-PE45369 Datasheet
386Kb / 5P
   SSMC Plug Connector Crimp/Solder Attachment for RG188-DS, RG316-DS
PE45164 PASTERNACK-PE45164 Datasheet
391Kb / 2P
   Banana Plug Connector Crimp-Solder Attachment for RG188-DS, RG316-DS
PE45190 PASTERNACK-PE45190 Datasheet
357Kb / 3P
   MMCX Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
   SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE44874 PASTERNACK-PE44874 Datasheet
246Kb / 3P
   MMCX Plug Connector Crimp-Solder Attachment For RG188-DS, RG316-DS
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
   SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45159 PASTERNACK-PE45159 Datasheet
361Kb / 3P
   SMB Jack Bulkhead Mount Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45169 PASTERNACK-PE45169 Datasheet
347Kb / 3P
   MC-Card Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com