Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6818 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N6818
Description  LOW VOLTAGE DROP SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6818 Datasheet(HTML) 2 Page - Microsemi Corporation

  1N6818 Datasheet HTML 1Page - Microsemi Corporation 1N6818 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DESCRIPTION
SYMBOL
CONDITIONS
MIN
TYP.
MAX
UNIT
Reverse (Leakage)
IR25
VR= 45 Vdc, Tc= 25
°C
0.75
7.5
mA
IR125-1
VR= 12 Vdc, Tc= 125
°C
65
-
mA
Current
IR125-2
VR= 36 Vdc, Tc= 125
°C
125
-
mA
IR125
VR= 45 Vdc, Tc= 125
°C
175
300
mA
Forward Voltage
VF1
IF= 2 A, Tc= 25
°C
290
-
mV
pulse test,
VF2
IF= 10 A, Tc= 25
°C
350
400
mV
pw= 300
µs
VF3
IF= 25 A, Tc= 25
°C
415
480
mV
d/c
≤2%
VF4
IF= 50 A, Tc= 25
°C
500
-
mV
VF5
IF= 75 A, Tc= 25
°C
575
650
mV
VF6
IF= 100 A, Tc= 25
°C
650
-
mV
VF7
IF= 2 A, Tc= -55
°C
390
-
mV
VF8
IF= 10 A, Tc= -55
°C
440
500
MV
VF9
IF= 25 A, Tc= -55
°C
480
550
MV
VF10
IF= 50 A, Tc= -55
°C
535
-
MV
VF11
IF= 75 A, Tc= -55
°C
580
660
mV
VF12
IF= 2 A, Tc= 125
°C
165
-
MV
VF13
IF= 10 A, Tc= 125
°C
250
310
MV
VF14
IF= 25 A, Tc= 125
°C
350
420
MV
VF15
IF= 50 A, Tc= 125
°C
475
-
MV
VF16
IF= 75 A, Tc= 125
°C
565
650
mV
VFa
IF= 100 mA, Tc= 25
°C
200
-
mV
VFb
IF= 100 mA, Tc= 125
°C
60
-
mV
VFc
IF= 100 mA, Tc= -55
°C
325
-
mV
Junction Capacitance
Cj1
VR= 10 Vdc
1850
-
pF
Cj2
VR= 5 Vdc
2500
3000
pF
Breakdown Voltage
BVR
IR= 5 mA, Tc= 25
°C
58
V
IR= 5 mA, Tc= -55
°C
45
50
V
Electrical Parameters
1N6818 (MSASC75H45F)
1N6818R (MSASC75H45FR)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
1
10
100
1000
IF(A)
-55C
+25C
+125C


Similar Part No. - 1N6818

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6815R MICROSEMI-1N6815R Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6816 MICROSEMI-1N6816 Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6816R MICROSEMI-1N6816R Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
More results

Similar Description - 1N6818

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6821 MICROSEMI-1N6821 Datasheet
86Kb / 3P
   LOW VOLTAGE DROP SCHOTTKY DIODE
MSASC150H45A MICROSEMI-MSASC150H45A Datasheet
36Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
logo
Solid States Devices, I...
SH0035 SSDI-SH0035_15 Datasheet
168Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY POWER DIODE
SH0034 SSDI-SH0034_15 Datasheet
153Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY POWER DIODE
logo
Microsemi Corporation
MSASC100H45H MICROSEMI-MSASC100H45H Datasheet
47Kb / 2P
   SURFACE MOUNT LOW VOLTAGE DROP SCHOTTKY DIODE
logo
Leshan Radio Company
LMSD103AT1G LRC-LMSD103AT1G Datasheet
122Kb / 3P
   SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
logo
Nihon Inter Electronics...
GCQ30A04 NIEC-GCQ30A04 Datasheet
30Kb / 2P
   Low Forward Voltage drop Diode
EA31FS4 NIEC-EA31FS4 Datasheet
44Kb / 5P
   Low Forward Voltage drop Diode
20KDA10 NIEC-20KDA10 Datasheet
41Kb / 5P
   Low Forward Voltage drop Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com